전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU1006 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 BU1006
상세설명  Enhanced PowerBridge Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BU1006 데이터시트(HTML) 2 Page - Vishay Siliconix

  BU1006 Datasheet HTML 1Page - Vishay Siliconix BU1006 Datasheet HTML 2Page - Vishay Siliconix BU1006 Datasheet HTML 3Page - Vishay Siliconix BU1006 Datasheet HTML 4Page - Vishay Siliconix BU1006 Datasheet HTML 5Page - Vishay Siliconix BU1006 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
New Product
BU1006 thru BU1010
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Document Number: 89295
Revision: 15-Mar-11
2
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
Notes
(1) With 60 W air cooled heatsink
(2) Without heatsink, free air
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Maximum instantaneous forward
voltage per diode (1)
IF = 5.0 A
TA = 25 °C
TA = 125 °C
VF
0.98
0.88
1.05
0.95
V
Maximum reverse current per diode
rated VR
TA = 25 °C
TA = 125 °C
IR
-
64
5.0
250
µA
Typical junction capacitance per diode
4.0 V, 1 MHz
CJ
43
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BU1006
BU1008
BU1010
UNIT
Typical thermal resistance
RJC
(1)
RJA
(2)
3.0
20
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
BU1006-M3/45
4.55
45
20
Tube
BU1006-M3/51
4.55
51
250
Paper tray
BU10065S-M3/45
4.55
45
20
Tube
Figure 1. Derating Curve Output Rectified Current
0
60
120
160
0
2
4
6
8
12
Case Temperature (°C)
With Heatsink
Sine-Wave, R-Load
T
C Measured at Device Bottom
T
C
T
C
10
20
80
140
40
100
Figure 2. Forward Current Derating Curve
0
1
2
3
4
Ambient Temperature (°C)
0
50
25
75
100
125
150
Without Heatsink
Sine-Wave, R-Load
Free Air, T
A


유사한 부품 번호 - BU1006

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BU1006 VISHAY-BU1006 Datasheet
150Kb / 6P
   Enhanced isoCink??Bridge Rectifiers
01-Jan-2022
BU1006-E3 VISHAY-BU1006-E3 Datasheet
106Kb / 6P
   Bridge Rectifiers
Revision: 16-Aug-13
BU1006-E3/45 VISHAY-BU1006-E3/45 Datasheet
106Kb / 6P
   Bridge Rectifiers
Revision: 16-Aug-13
BU1006-E3/51 VISHAY-BU1006-E3/51 Datasheet
106Kb / 6P
   Bridge Rectifiers
Revision: 16-Aug-13
BU1006-M3 VISHAY-BU1006-M3 Datasheet
106Kb / 6P
   Bridge Rectifiers
Revision: 27-Jun-13
More results

유사한 설명 - BU1006

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
PB5006 VISHAY-PB5006 Datasheet
93Kb / 5P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
PB3506 VISHAY-PB3506 Datasheet
94Kb / 5P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
BU2006 VISHAY-BU2006 Datasheet
99Kb / 6P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
BU2506 VISHAY-BU2506 Datasheet
99Kb / 6P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
BU1006A VISHAY-BU1006A_11 Datasheet
99Kb / 6P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
PB3006 VISHAY-PB3006 Datasheet
93Kb / 5P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
PB4006 VISHAY-PB4006 Datasheet
93Kb / 5P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
BU1206 VISHAY-BU1206 Datasheet
99Kb / 6P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
BU1506 VISHAY-BU1506 Datasheet
99Kb / 6P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
logo
Rectron Semiconductor
RBUH2506M RECTRON-RBUH2506M Datasheet
261Kb / 6P
   Enhanced PowerBRIDGE RECTIFIER VOLTAGE 600 Volts CURRENT 25.0 Amperes
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com