전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU1208 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 BU1208
상세설명  Enhanced PowerBridge Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BU1208 데이터시트(HTML) 1 Page - Vishay Siliconix

  BU1208 Datasheet HTML 1Page - Vishay Siliconix BU1208 Datasheet HTML 2Page - Vishay Siliconix BU1208 Datasheet HTML 3Page - Vishay Siliconix BU1208 Datasheet HTML 4Page - Vishay Siliconix BU1208 Datasheet HTML 5Page - Vishay Siliconix BU1208 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BU1206 thru BU1210
Vishay General Semiconductor
Document Number: 89296
Revision: 15-Mar-11
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
www.vishay.com
1
New Product
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Enhanced PowerBridge® Rectifiers
FEATURES
• UL recognition file number E309391
(QQQX2) UL 1557 (see *)
• Thin single in-line package
• Available for BU-5S lead forming option
(part number with “5S” suffix, e.g.
BU12065S)
• Superior thermal conductivity
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Compliant to RoHS Directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
• Halogen-free
according
to
IEC
61249-2-21
definition
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave
rectification
for
switching
power
supply,
home
appliances and white-goods applications.
MECHANICAL DATA
Case: BU
Molding compound meets UL 94 V-0 flammability
rating
Base P/N-M3 - halogen-free, RoHS compliant, and
commercial grade
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test
Polarity: As marked on body
Mounting Torque: 10 cm-kg (8.8 inches-lbs) max.
Recommended Torque: 5.7 cm-kg (5 inches-lbs)
* Tested to UL standard for safety electrically isolated semiconductor
devices. UL 1557 4th edition.
Dielectric
tested
to
maximum
case,
storage
and
junction
temperature to 150 °C to withstand 1500 V.
Epoxy meets UL 94 V-0 flammability rating.
PRIMARY CHARACTERISTICS
IF(AV)
12 A
VRRM
600 V, 800 V, 1000 V
IFSM
150 A
IR
5 µA
VF at IF = 6 A
0.88 V
TJ max.
150 °C
+
~
~
-
-
~
~
+
Case Style BU
+
~~
-
PowerBridge®
Notes
(1) With 60 W air cooled heatsink
(2) Without heatsink, free air
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BU1206
BU1208
BU1210
UNIT
Maximum repetitive peak reverse voltage
VRRM
600
800
1000
V
Average rectified forward current (Fig. 1, 2)
TC = 85 °C
(1)
TA = 25 °C
(2)
IO
12
3.4
A
Non-repetitive peak forward surge current
8.3 ms single sine-wave, TJ = 25 °C
IFSM
150
A
Rating for fusing (t < 8.3 ms) TJ = 25 °C
I2t
93
A2s
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


유사한 부품 번호 - BU1208

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BU1208 VISHAY-BU1208 Datasheet
150Kb / 6P
   Enhanced isoCink??Bridge Rectifiers
01-Jan-2022
BU1208-E3 VISHAY-BU1208-E3 Datasheet
106Kb / 6P
   Bridge Rectifiers
Revision: 16-Aug-13
BU1208-E3/45 VISHAY-BU1208-E3/45 Datasheet
106Kb / 6P
   Bridge Rectifiers
Revision: 16-Aug-13
BU1208-E3/51 VISHAY-BU1208-E3/51 Datasheet
106Kb / 6P
   Bridge Rectifiers
Revision: 16-Aug-13
BU1208-M3 VISHAY-BU1208-M3 Datasheet
101Kb / 6P
   Bridge Rectifiers
Revison: 30-Sep-14
More results

유사한 설명 - BU1208

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
PB5006 VISHAY-PB5006 Datasheet
93Kb / 5P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
PB3506 VISHAY-PB3506 Datasheet
94Kb / 5P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
BU2006 VISHAY-BU2006 Datasheet
99Kb / 6P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
BU1006 VISHAY-BU1006 Datasheet
99Kb / 6P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
BU2506 VISHAY-BU2506 Datasheet
99Kb / 6P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
BU1006A VISHAY-BU1006A_11 Datasheet
99Kb / 6P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
PB3006 VISHAY-PB3006 Datasheet
93Kb / 5P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
PB4006 VISHAY-PB4006 Datasheet
93Kb / 5P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
BU1506 VISHAY-BU1506 Datasheet
99Kb / 6P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
logo
Rectron Semiconductor
RBUH2506M RECTRON-RBUH2506M Datasheet
261Kb / 6P
   Enhanced PowerBRIDGE RECTIFIER VOLTAGE 600 Volts CURRENT 25.0 Amperes
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com