전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA6393M 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 LA6393M
상세설명  For Parallel Comparator Circuits High-Performance Dual Comparator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6393M 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  LA6393M_11 Datasheet HTML 1Page - Sanyo Semicon Device LA6393M_11 Datasheet HTML 2Page - Sanyo Semicon Device LA6393M_11 Datasheet HTML 3Page - Sanyo Semicon Device LA6393M_11 Datasheet HTML 4Page - Sanyo Semicon Device LA6393M_11 Datasheet HTML 5Page - Sanyo Semicon Device LA6393M_11 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LA6393M
No.1103-4/6
4. Current drain
5. Voltage gain
A
VCC
VF5,6
VG =
R2
R1
R1
+
NULL
(EK1−EK2) (1+R2/R1)
RL
EK1,
EK2
VEE
R2
VCC
VCC
C
(VF6−VF5)
4. response time
tr
0
VIN
VOUT
90%
ΔV (over drive)
Δ: Over drive
RL
VCC
100mV
0
7. Output sink current
8. Output saturation voltage
VCC
VIN
VO
A
VCC
VIN
ISINK
V VOL
9. Output leakage current
VCC
VIN
VO
A


유사한 부품 번호 - LA6393M_11

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA6393M SANYO-LA6393M Datasheet
87Kb / 4P
   High-Performance Dual Comparator
More results

유사한 설명 - LA6393M_11

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA6393AT SANYO-LA6393AT Datasheet
70Kb / 6P
   For Parallel Comparator Circuits High-Performance Dual Comparator
LA6393AM SANYO-LA6393AM Datasheet
138Kb / 6P
   For Parallel Comparator Circuits High-Performance Dual Comparator
logo
Linear Technology
RH119 LINER-RH119 Datasheet
161Kb / 4P
   High Performance Dual Comparator
logo
Sanyo Semicon Device
LA6393D SANYO-LA6393D Datasheet
99Kb / 5P
   High-Performance Dual Comparator
LA6393T SANYO-LA6393T Datasheet
161Kb / 5P
   High-Performance Dual Comparator
LA6393M SANYO-LA6393M Datasheet
87Kb / 4P
   High-Performance Dual Comparator
LA6393D SANYO-LA6393D_06 Datasheet
163Kb / 5P
   High-Performance Dual Comparator
LA6393JM SANYO-LA6393JM Datasheet
194Kb / 5P
   High-Performance Dual Comparator
logo
Renesas Technology Corp
UPC271 RENESAS-UPC271 Datasheet
738Kb / 9P
   High Performance Comparator
Rev.1.00
logo
Sanyo Semicon Device
LA6339 SANYO-LA6339 Datasheet
88Kb / 4P
   High-Performance Quad Comparator
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com