전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA6393T 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 LA6393T
상세설명  High-Performance Dual Comparator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6393T 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  LA6393T Datasheet HTML 1Page - Sanyo Semicon Device LA6393T Datasheet HTML 2Page - Sanyo Semicon Device LA6393T Datasheet HTML 3Page - Sanyo Semicon Device LA6393T Datasheet HTML 4Page - Sanyo Semicon Device LA6393T Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
53007 MS IM / 32807 TI IM B8-4680 No.8764-1/5
LA6393T
Overview
The LA6393T is a high-performance dual comparator that features the flexible operating characteristics of a wide supply
voltage range (2.0 to 36.0V for single voltage operation) and a wide operating temperature range (–20 to +85°C).
It also features superlative input characteristics and low power, making it optimal for a wide range of applications
including automotive and industrial applications.
Functions
• Wide operating supply voltage range: 2.0 to 36.0V (single voltage supply), ±1.0 to 18.0V (dual voltage supply)
• Wide common-mode input voltage range: 0 to VCC –1.8 V
• Open collector outputs allow the use of wired OR circuits
• Low current drain for low-power operation (0.6mA)
• Miniature flat package supports product miniaturization
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
36
V
Differential input voltage
VID
36
V
Maximum input voltage
VIN max
-0.3 to +36
V
Allowable power dissipation
Pd max
Ta
≤25°C
160
mW
Operating temperature
Topr
-20 to +85
°C
Storage temperature
Tstg
-55 to +125
°C
Ordering number : EN8764A
Monolithic Linear IC
High-Performance Dual Comparator
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


유사한 부품 번호 - LA6393T

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA6393AM SANYO-LA6393AM Datasheet
138Kb / 6P
   For Parallel Comparator Circuits High-Performance Dual Comparator
LA6393AT SANYO-LA6393AT Datasheet
70Kb / 6P
   For Parallel Comparator Circuits High-Performance Dual Comparator
LA6393D SANYO-LA6393D Datasheet
99Kb / 5P
   High-Performance Dual Comparator
LA6393D SANYO-LA6393D Datasheet
163Kb / 5P
   High-Performance Dual Comparator
LA6393D SANYO-LA6393D_06 Datasheet
163Kb / 5P
   High-Performance Dual Comparator
More results

유사한 설명 - LA6393T

제조업체부품명데이터시트상세설명
logo
Linear Technology
RH119 LINER-RH119 Datasheet
161Kb / 4P
   High Performance Dual Comparator
logo
Sanyo Semicon Device
LA6393D SANYO-LA6393D Datasheet
99Kb / 5P
   High-Performance Dual Comparator
LA6393M SANYO-LA6393M Datasheet
87Kb / 4P
   High-Performance Dual Comparator
LA6393D SANYO-LA6393D_06 Datasheet
163Kb / 5P
   High-Performance Dual Comparator
LA6393JM SANYO-LA6393JM Datasheet
194Kb / 5P
   High-Performance Dual Comparator
LA6393AT SANYO-LA6393AT Datasheet
70Kb / 6P
   For Parallel Comparator Circuits High-Performance Dual Comparator
LA6393M SANYO-LA6393M_11 Datasheet
124Kb / 6P
   For Parallel Comparator Circuits High-Performance Dual Comparator
LA6393AM SANYO-LA6393AM Datasheet
138Kb / 6P
   For Parallel Comparator Circuits High-Performance Dual Comparator
logo
Renesas Technology Corp
UPC271 RENESAS-UPC271 Datasheet
738Kb / 9P
   High Performance Comparator
Rev.1.00
logo
Sanyo Semicon Device
LA6339 SANYO-LA6339 Datasheet
88Kb / 4P
   High-Performance Quad Comparator
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com