전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BYG10K 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 BYG10K
상세설명  Standard Avalanche SMD Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYG10K 데이터시트(HTML) 4 Page - Vishay Siliconix

  BYG10K Datasheet HTML 1Page - Vishay Siliconix BYG10K Datasheet HTML 2Page - Vishay Siliconix BYG10K Datasheet HTML 3Page - Vishay Siliconix BYG10K Datasheet HTML 4Page - Vishay Siliconix BYG10K Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BYG10D thru BYG10Y
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88957
Revision: 03-Jun-09
4
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 7. Reverse Recovery Charge vs. Forward Current
0
0
400
800
1200
1600
2000
0.2
0.4
0.6
0.8
Forward Current (A)
1.0
T
A = 100 °C
T
A = 125 °C
T
A = 25 °C
T
A = 75 °C
T
A = 50 °C
I
R = 0.5 A, iR = 0.125 A
0.030 (0.76)
0.060 (1.52)
0.008 (0.203)
0.194 (4.93)
0.208 (5.28)
0.157 (3.99)
0.177 (4.50)
0.100 (2.54)
0.110 (2.79)
0.078 (1.98)
0.090 (2.29)
0.006 (0.152)
0.012 (0.305)
0.049 (1.25)
0.065 (1.65)
Cathode Band
0 (0)
DO-214AC (SMA)
Mounting Pad Layout
0.074 (1.88)
MAX.
0.208 (5.28)
REF.
0.066 (1.68)
MIN.
0.060 (1.52)
MIN.


유사한 부품 번호 - BYG10K

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BYG10K VISHAY-BYG10K Datasheet
59Kb / 5P
   Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
logo
Shenzhen Taychipst Elec...
BYG10K TAYCHIPST-BYG10K Datasheet
3Mb / 2P
   Silicon Mesa SMD Rectifier
logo
Diotec Semiconductor
BYG10K DIOTEC-BYG10K Datasheet
159Kb / 2P
   Standard Avalanche SMD Rectifier Diodes
BYG10K DIOTEC-BYG10K Datasheet
158Kb / 2P
   Standard Avalanche SMD Rectifier Diodes
logo
Shenzhen Luguang Electr...
BYG10K LUGUANG-BYG10K Datasheet
1Mb / 4P
   Low profile package
More results

유사한 설명 - BYG10K

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BYG10D VISHAY-BYG10D_V02 Datasheet
106Kb / 5P
   Standard Avalanche SMD Rectifier
01-Jan-2022
BYG10M-E3 VISHAY-BYG10M-E3 Datasheet
91Kb / 5P
   Standard Avalanche SMD Rectifier
Revision: 20-May-14
BYG10D VISHAY-BYG10D_V01 Datasheet
91Kb / 5P
   Standard Avalanche SMD Rectifier
02-Oct-12
logo
Diotec Semiconductor
AL1A DIOTEC-AL1A_17 Datasheet
148Kb / 2P
   Standard Avalanche SMD Rectifier Diodes
AM2000 DIOTEC-AM2000_18 Datasheet
167Kb / 2P
   Standard Avalanche SMD Rectifier Diodes
BYG10D DIOTEC-BYG10D Datasheet
159Kb / 2P
   Standard Avalanche SMD Rectifier Diodes
AM2000 DIOTEC-AM2000 Datasheet
167Kb / 2P
   Standard Avalanche SMD Rectifier Diodes
BYG10D DIOTEC-BYG10D_18 Datasheet
158Kb / 2P
   Standard Avalanche SMD Rectifier Diodes
AL1A DIOTEC-AL1A_15 Datasheet
142Kb / 2P
   Controlled Avalanche Standard Recovery SMD Rectifier Diodes
AL1A DIOTEC-AL1A_16 Datasheet
142Kb / 2P
   Controlled Avalanche Standard Recovery SMD Rectifier Diodes
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com