전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BYG10Y 데이터시트(PDF) 5 Page - Vishay Siliconix

부품명 BYG10Y
상세설명  Standard Avalanche SMD Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYG10Y 데이터시트(HTML) 5 Page - Vishay Siliconix

  BYG10Y Datasheet HTML 1Page - Vishay Siliconix BYG10Y Datasheet HTML 2Page - Vishay Siliconix BYG10Y Datasheet HTML 3Page - Vishay Siliconix BYG10Y Datasheet HTML 4Page - Vishay Siliconix BYG10Y Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Document Number: 91000
www.vishay.com
Revision: 11-Mar-11
1
Disclaimer
Legal Disclaimer Notice
Vishay
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE WITHOUT NOTICE TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively,
“Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any other
disclosure relating to any product.
Vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or
the continuing production of any product. To the maximum extent permitted by applicable law, Vishay disclaims (i) any and all
liability arising out of the application or use of any product, (ii) any and all liability, including without limitation special,
consequential or incidental damages, and (iii) any and all implied warranties, including warranties of fitness for particular
purpose, non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on Vishay’s knowledge of typical
requirements that are often placed on Vishay products in generic applications. Such statements are not binding statements
about the suitability of products for a particular application. It is the customer’s responsibility to validate that a particular
product with the properties described in the product specification is suitable for use in a particular application. Parameters
provided in datasheets and/or specifications may vary in different applications and performance may vary over time. All
operating parameters, including typical parameters, must be validated for each customer application by the customer’s
technical experts. Product specifications do not expand or otherwise modify Vishay’s terms and conditions of purchase,
including but not limited to the warranty expressed therein.
Except as expressly indicated in writing, Vishay products are not designed for use in medical, life-saving, or life-sustaining
applications or for any other application in which the failure of the Vishay product could result in personal injury or death.
Customers using or selling Vishay products not expressly indicated for use in such applications do so at their own risk and agree
to fully indemnify and hold Vishay and its distributors harmless from and against any and all claims, liabilities, expenses and
damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that Vishay
or its distributor was negligent regarding the design or manufacture of the part. Please contact authorized Vishay personnel to
obtain written terms and conditions regarding products designed for such applications.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by
any conduct of Vishay. Product names and markings noted herein may be trademarks of their respective owners.


유사한 부품 번호 - BYG10Y

제조업체부품명데이터시트상세설명
logo
Gulf Semiconductor
BYG10Y GULFSEMI-BYG10Y Datasheet
140Kb / 2P
   SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?600 V CURRENT竊?1.5A
logo
Shenzhen Luguang Electr...
BYG10Y LUGUANG-BYG10Y Datasheet
1Mb / 4P
   Low profile package
logo
Vishay Siliconix
BYG10Y VISHAY-BYG10Y Datasheet
91Kb / 5P
   Standard Avalanche SMD Rectifier
02-Oct-12
BYG10Y VISHAY-BYG10Y Datasheet
106Kb / 5P
   Standard Avalanche SMD Rectifier
01-Jan-2022
logo
DAESAN ELECTRONIC CORP.
BYG10Y DAESAN-BYG10Y Datasheet
211Kb / 2P
   STANDARD RECTIFIER
More results

유사한 설명 - BYG10Y

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BYG10D VISHAY-BYG10D_V02 Datasheet
106Kb / 5P
   Standard Avalanche SMD Rectifier
01-Jan-2022
BYG10M-E3 VISHAY-BYG10M-E3 Datasheet
91Kb / 5P
   Standard Avalanche SMD Rectifier
Revision: 20-May-14
BYG10D VISHAY-BYG10D_V01 Datasheet
91Kb / 5P
   Standard Avalanche SMD Rectifier
02-Oct-12
logo
Diotec Semiconductor
AL1A DIOTEC-AL1A_17 Datasheet
148Kb / 2P
   Standard Avalanche SMD Rectifier Diodes
AM2000 DIOTEC-AM2000_18 Datasheet
167Kb / 2P
   Standard Avalanche SMD Rectifier Diodes
BYG10D DIOTEC-BYG10D Datasheet
159Kb / 2P
   Standard Avalanche SMD Rectifier Diodes
AM2000 DIOTEC-AM2000 Datasheet
167Kb / 2P
   Standard Avalanche SMD Rectifier Diodes
BYG10D DIOTEC-BYG10D_18 Datasheet
158Kb / 2P
   Standard Avalanche SMD Rectifier Diodes
AL1A DIOTEC-AL1A_15 Datasheet
142Kb / 2P
   Controlled Avalanche Standard Recovery SMD Rectifier Diodes
AL1A DIOTEC-AL1A_16 Datasheet
142Kb / 2P
   Controlled Avalanche Standard Recovery SMD Rectifier Diodes
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com