์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MC74LCX32 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - Motorola, Inc

๋ถ€ํ’ˆ๋ช… MC74LCX32
์ƒ์„ธ๋‚ด์šฉ  LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  MOTOROLA [Motorola, Inc]
ํ™ˆํŽ˜์ด์ง€  http://www.freescale.com
Logo 

MC74LCX32 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
/ 7 page
 4 / 7 page
background image
MC74LCX32
MOTOROLA
LCX DATA
BR1339 โ€” REV 3
4
PROPAGATION DELAYS
tR = tF = 2.5ns, 10% to 90%; f = 1MHz; tW = 500ns
2.7V
0V
VOH
VOL
An, Bn
On
tPLH
tPHL
1.5V
1.5V
1.5V
1.5V
Figure 1. AC Waveforms
PULSE
GENERATOR
RT
DUT
VCC
RL
CL
CL = 50pF or equivalent (Includes jig and probe capacitance)
RL = R1 = 500โ„ฆ or equivalent
RT = ZOUT of pulse generator (typically 50โ„ฆ)
Figure 2. Test Circuit


Html Pages

1  2  3  4  5  6  7 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn