전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BYM36B 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 BYM36B
상세설명  Fast Avalanche Sinterglass Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYM36B 데이터시트(HTML) 1 Page - Vishay Siliconix

  BYM36B Datasheet HTML 1Page - Vishay Siliconix BYM36B Datasheet HTML 2Page - Vishay Siliconix BYM36B Datasheet HTML 3Page - Vishay Siliconix BYM36B Datasheet HTML 4Page - Vishay Siliconix BYM36B Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Fast Avalanche Sinterglass Diode
BYM36A, BYM36B, BYM36C, BYM36D, BYM36E
Vishay Semiconductors
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 86012
108
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Rev. 1.7, 25-Aug-10
MECHANICAL DATA
Case: SOD-64
Terminals: plated axial leads, solderable per MIL-STD-750,
method 2026
Polarity: color band denotes cathode end
Mounting position: any
Weight: approx. 858 mg
FEATURES
• Glass passivated
• Hermetically sealed package
• Very low switching losses
• Low reverse current
• High reverse voltage
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition
APPLICATIONS
• Switched mode power supplies
• High-frequency inverter circuits
949588
PARTS TABLE
PART
TYPE DIFFERENTIATION
PACKAGE
BYM36A
VR = 200 V; IFAV = 3 A
SOD-64
BYM36B
VR = 400 V; IFAV = 3 A
SOD-64
BYM36C
VR = 600 V; IFAV = 3 A
SOD-64
BYM36D
VR = 800 V; IFAV = 2.9 A
SOD-64
BYM36E
VR = 1000 V; IFAV = 2.9 A
SOD-64
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Reverse voltage = repetitive
peak reverse voltage
See electrical characteristics
BYM36A
VR = VRRM
200
V
BYM36B
VR = VRRM
400
V
BYM36C
VR = VRRM
600
V
BYM36D
VR = VRRM
800
V
BYM36E
VR = VRRM
1000
V
Peak forward surge current
tp = 10 ms, half sine wave
IFSM
65
A
Average forward current
BYM36A
IFAV
3A
BYM36B
IFAV
3A
BYM36C
IFAV
3A
BYM36D
IFAV
2.9
A
BYM36E
IFAV
2.9
A
Non repetitive reverse
avalanche energy
I(BR)R = 1 A, inductive load
ER
20
mJ
Junction and storage
temperature range
Tj = Tstg
- 55 to + 175
°C
MAXIMUM THERMAL RESISTANCE (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Junction ambient
Lead length l = 10 mm, TL = constant
RthJA
25
K/W
On PC board with spacing 25 mm
RthJA
70
K/W


유사한 부품 번호 - BYM36B

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BYM36B PHILIPS-BYM36B Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
logo
Vishay Siliconix
BYM36B VISHAY-BYM36B Datasheet
149Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.6, 12-Aug-04
logo
Galaxy Semi-Conductor H...
BYM36B BILIN-BYM36B Datasheet
67Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
BYM36B LUGUANG-BYM36B Datasheet
172Kb / 2P
   Fast Recovery Rectifiers
logo
Diode Semiconductor Kor...
BYM36B DSK-BYM36B Datasheet
286Kb / 2P
   FAST RECOVERY RECTIFIERS
More results

유사한 설명 - BYM36B

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BYW72 VISHAY-BYW72_10 Datasheet
106Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BYM36 VISHAY-BYM36 Datasheet
149Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.6, 12-Aug-04
BYV37 VISHAY-BYV37_10 Datasheet
378Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 31-Mar-10
BYV16-TAP VISHAY-BYV16-TAP Datasheet
130Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BY203-20S-TR VISHAY-BY203-20S-TR Datasheet
128Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.9, 12-Sep-12
BYV38-TAP VISHAY-BYV38-TAP Datasheet
123Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
logo
New Jersey Semi-Conduct...
BY268 NJSEMI-BY268 Datasheet
128Kb / 2P
   Fast Avalanche Sinterglass Diode
logo
Vishay Siliconix
BY203-20STAP VISHAY-BY203-20STAP Datasheet
123Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.9, 12-Sep-12
BY268 VISHAY-BY268_V01 Datasheet
136Kb / 4P
   Fast Avalanche Sinterglass Diode
01-Jan-2022
BYV12 VISHAY-BYV12_10 Datasheet
452Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 30-Jul-10
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com