전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA42352 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 LA42352
상세설명  Audio Output for TV Application 5W횞1ch Power Ampilfier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA42352 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  LA42352 Datasheet HTML 1Page - Sanyo Semicon Device LA42352 Datasheet HTML 2Page - Sanyo Semicon Device LA42352 Datasheet HTML 3Page - Sanyo Semicon Device LA42352 Datasheet HTML 4Page - Sanyo Semicon Device LA42352 Datasheet HTML 5Page - Sanyo Semicon Device LA42352 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LA42051
No.A1037-2/6
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
No signal
24
V
Allowable power dissipation
Pd max
Infinite heat sink
15
W
Maximum junction temperature
Tj max
150
°C
Thermal resistance
θjc
3
°C/W
Operating temperature
Topr
-25 to +75
°C
Storage temperature
Tstg
-40 to +150
°C
Operating Condition at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
18
V
Recommended load resistance
RL
8
Ω
Allowable operating supply voltage range
VCC op
5.5 to 22
V
Operating Characteristics at Ta = 25
°C, VCC = 18V, RL = 8Ω, f = 1kHz, Rg = 600Ω
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Standby current
ISTB
Amplifier off
1
10
μA
Quiescent current
ICCO
Rg = 0
Ω
15
25
50
mA
Output power
PO
THD = 10%
4
5
W
Total harmonic distortion
THD
PO = 1W
0.15
0.4
%
Voltage gain
VG
VO = 0dBm
33
35
37
dB
Output noise voltage
VNO
Rg = 0
Ω, BPF = 20Hz to 20kHz
0.05
0.25
mVrms
Ripple rejection
SVRR
Rg = 0
Ω, fR = 100Hz, VCCR = 0dBm
50
60
dB
VSTB-H
Amplifier on
1
5
V
Standby control voltage (Pin 5)
VSTB-L
Amplifier off
0
0.5
V
Input resistance
Ri
21
30
39
k
Ω
Package Dimensions
unit : mm (typ)
3107B
SANYO : SIP13H
(10.0)
0.5
(0.8)
2.0
25.6
( 2.0)
3.4
C0.7
1
13
0.4
1.2
1.15
2.4
Ambient temperature, Ta -
°C
Pd max - Ta
0
2
4
6
8
10
12
14
16
18
-20
0
20
40
15
11.7
5.8
60
80
100
120
140
160
Infinite heat sink
No Fin
100
×100×1.5mm3
50
×50×1.5mm3
Al heat sink Mounting
Torque 39N
⋅cm
Flat washer
Silicone greas
applird
θj=3°C/W


유사한 부품 번호 - LA42352

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA42352 SANYO-LA42352 Datasheet
400Kb / 9P
   Monolithic Linear IC 5W 2-Channel AF Power Amplifier With DC Volume Control
More results

유사한 설명 - LA42352

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4225 SANYO-LA4225 Datasheet
116Kb / 3P
   Audio Output for TV application 5W Monaural Power Amplifier
LA42031 SANYO-LA42031 Datasheet
81Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W Monaural Power Amplifier
LA42032 SANYO-LA42032 Datasheet
85Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
LA42101 SANYO-LA42101 Datasheet
81Kb / 7P
   Monolithic Linear IC Audio Output for TV application 10W 횞 1ch Power Amplifier
LA42201 SANYO-LA42201 Datasheet
74Kb / 6P
   Monolithic Linear IC Audio Output for TV application BTL 20W Monaural Power Amplifier
LA42205 SANYO-LA42205 Datasheet
84Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
LA42102 SANYO-LA42102 Datasheet
88Kb / 8P
   Monolithic Linear IC Audio Output for TV application 10W 횞 2ch Power Amplifier
LA42152 SANYO-LA42152 Datasheet
192Kb / 5P
   Monolithic Linear IC Audio Output for TV application 15W 횞 2ch Power Amplifier
LA42210 SANYO-LA42210 Datasheet
85Kb / 7P
   Monolithic Linear IC Audio Output for TV application BTL 10W 횞 2ch Power Amplifier
LA42105 SANYO-LA42105 Datasheet
80Kb / 7P
   Monolithic Linear IC Audio Output for TV application BTL 5W 횞 1ch Power Amplifier
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com