전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA72710V 데이터시트(PDF) 9 Page - Sanyo Semicon Device

부품명 LA72710V
상세설명  Multi Channel Television Sound Decoder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA72710V 데이터시트(HTML) 9 Page - Sanyo Semicon Device

Back Button LA72710V Datasheet HTML 2Page - Sanyo Semicon Device LA72710V Datasheet HTML 3Page - Sanyo Semicon Device LA72710V Datasheet HTML 4Page - Sanyo Semicon Device LA72710V Datasheet HTML 5Page - Sanyo Semicon Device LA72710V Datasheet HTML 6Page - Sanyo Semicon Device LA72710V Datasheet HTML 7Page - Sanyo Semicon Device LA72710V Datasheet HTML 8Page - Sanyo Semicon Device LA72710V Datasheet HTML 9Page - Sanyo Semicon Device LA72710V Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LA72710V
No.A0237-9/10
Mode Select (pin & I
2C setting)
MUTE
I
2C setting
MATRIX OUT
READ MODE OUT
MODE OUT
Broadcast
signal
pin10
D4
D3
D2
D1
LCH (pin14)
RCH (pin13)
MODE
D8
D7
Pin20
L
0
0
0
0
MAIN
SUB
BOTH
L
H
L
0
0
0
1
MAIN
MAIN
MAIN
L
H
L
0
0
1
0
SUB
SUB
SUB
L
H
L
0
1
*
*
MAIN
MAIN
MONO
L
H
*
1
*
*
*
MUTE
MUTE
MUTE
L
H
Bilingual
H
*
*
*
*
MUTE
MUTE
MUTE
L
H
3V
L
0
0
*
*
L
R
STEREO
H
L
L
0
1
*
*
L+R
L+R
MONO
H
L
*
1
*
*
*
MUTE
MUTE
MUTE
H
L
STEREO
H
*
*
*
*
MUTE
MUTE
MUTE
H
L
2V
L
0
*
*
*
L+R
L+R
MONO
L
L
*
1
*
*
*
MUTE
MUTE
MUTE
L
L
MONO
H
*
*
*
*
MUTE
MUTE
MUTE
L
L
1V
*: Don’t care.
Serial Data Specification (I
2C bus communication)
MSB
LSB
D8
D7
D6
D5
D4
D3
D2
D1
TEST
SIF or
BASE BAND
JUST
CLK
ALC
NORMAL OUT
MUTE
Forced
MONO
MULTIPLEX mode select
0:OFF
1:ON
0:SIF
1:BASE
BAND
0:OFF
1:ON
0:OFF
1:ON
0:OFF
1:ON
0:OFF
1:ON
00:BILINGUAL
01:MAIN
10:SUB
11:Unusable
Note: Underline shows default setting.


유사한 부품 번호 - LA72710V

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA72714VA SANYO-LA72714VA Datasheet
155Kb / 14P
   Monolithic Linear IC For JPN TV Multi Channel Television Sound Decoder IC
LA72715NV SANYO-LA72715NV Datasheet
373Kb / 13P
   JPN MTS (Multi Channel Television Sound) Decoder IC
LA72715NV SANYO-LA72715NV Datasheet
386Kb / 13P
   JPN MTS (Multi Channel Television Sound) Decoder IC
logo
ON Semiconductor
LA72715NV ONSEMI-LA72715NV Datasheet
235Kb / 13P
   JPN MTS (Multi Channel Television Sound) Decoder IC
July, 2013
LA72715NV-TLM-E ONSEMI-LA72715NV-TLM-E Datasheet
235Kb / 13P
   JPN MTS (Multi Channel Television Sound) Decoder IC
July, 2013
More results

유사한 설명 - LA72710V

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA72700V SANYO-LA72700V Datasheet
522Kb / 16P
   US MTS (Multi Channel Television Sound) Decoder
LA72715V SANYO-LA72715V_12 Datasheet
163Kb / 12P
   JPN MTS (Multi Channel Television Sound) Decoder IC
LA72715NV SANYO-LA72715NV Datasheet
373Kb / 13P
   JPN MTS (Multi Channel Television Sound) Decoder IC
logo
ON Semiconductor
LA72715NV-TLM-E ONSEMI-LA72715NV-TLM-E Datasheet
235Kb / 13P
   JPN MTS (Multi Channel Television Sound) Decoder IC
July, 2013
logo
Sanyo Semicon Device
LA72715NV SANYO-LA72715NV_12 Datasheet
386Kb / 13P
   JPN MTS (Multi Channel Television Sound) Decoder IC
LA72715V SANYO-LA72715V Datasheet
201Kb / 12P
   Monolithic Linear IC JPN MTS (Multi Channel Television Sound) Decoder IC
LA72714VA SANYO-LA72714VA Datasheet
155Kb / 14P
   Monolithic Linear IC For JPN TV Multi Channel Television Sound Decoder IC
logo
Toshiba Semiconductor
TDA2791 TOSHIBA-TDA2791 Datasheet
379Kb / 11P
   Television sound combination
logo
Sanyo Semicon Device
LA3860 SANYO-LA3860 Datasheet
466Kb / 7P
   JAPANESE TELEVISION SOUND DEMODULATOR WITH BUILT-IN FM STEREO DECODER
logo
Synaptics Incorporated.
CX25850 CONEXANT-CX25850 Datasheet
187Kb / 2P
   Multi-Channel Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com