전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA72730 데이터시트(PDF) 5 Page - Sanyo Semicon Device

부품명 LA72730
상세설명  Audio/Video Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA72730 데이터시트(HTML) 5 Page - Sanyo Semicon Device

  LA72730 Datasheet HTML 1Page - Sanyo Semicon Device LA72730 Datasheet HTML 2Page - Sanyo Semicon Device LA72730 Datasheet HTML 3Page - Sanyo Semicon Device LA72730 Datasheet HTML 4Page - Sanyo Semicon Device LA72730 Datasheet HTML 5Page - Sanyo Semicon Device LA72730 Datasheet HTML 6Page - Sanyo Semicon Device LA72730 Datasheet HTML 7Page - Sanyo Semicon Device LA72730 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LA72730
Test Circuit
+
+
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
LIN-1
0.1
μF
620
Ω
LIN-2
0.1
μF
620
Ω
LIN-TV
0.1
μF
620
Ω
RIN-TV
0.1
μF
1
μF
+
1
μF
620
Ω
VIN-TV
AUDIO L OUT
AUDIO R OUT
0.1
μF
75
Ω
4dB
ALC FILT
L Monitor out
NC
SDA
SCL
LIN-3
0.1
μF
620
Ω
RIN-1
0.1
μF
620
Ω
RIN-2
0.1
μF
620
Ω
VIDEO OUT
RIN-3
0.1
μF
620
Ω
VIN-1
VCC
0.1
μF
75
Ω
VCC5V
47
μF
0.1
μF
VIN-2
0.1
μF
75
Ω
GND
VIN-3
0.1
μF
75
Ω
R Monitor out
4dB
6dB
BUFF
BUFF
REG
DET
MODE
SELECT
ALC
ALC
No.A1059-5/8


유사한 부품 번호 - LA72730

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA72730 SANYO-LA72730 Datasheet
121Kb / 8P
   Monolithic Linear IC For TV Audio/Video Switch
More results

유사한 설명 - LA72730

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
HA11508 HITACHI-HA11508 Datasheet
150Kb / 7P
   Audio-Video Switch
logo
Sanyo Semicon Device
LA7958 SANYO-LA7958_11 Datasheet
299Kb / 7P
   Audio/Video Switch
logo
STMicroelectronics
STV6414A STMICROELECTRONICS-STV6414A Datasheet
483Kb / 32P
   Audio/video switch matrix
STV6412A STMICROELECTRONICS-STV6412A Datasheet
472Kb / 24P
   AUDIO/VIDEO SWITCH MATRIX
STV6413 STMICROELECTRONICS-STV6413 Datasheet
626Kb / 28P
   Audio/Video Switch Matrix
STV6411A STMICROELECTRONICS-STV6411A Datasheet
191Kb / 20P
   AUDIO/VIDEO SWITCH MATRIX
STV6412B STMICROELECTRONICS-STV6412B Datasheet
501Kb / 32P
   Audio/video switch matrix
STV6410A STMICROELECTRONICS-STV6410A Datasheet
205Kb / 22P
   AUDIO/VIDEO SWITCH MATRIX
logo
Sanyo Semicon Device
LA7151 SANYO-LA7151 Datasheet
102Kb / 6P
   Audio/Video Switch for VCR Video Camera Use
logo
Sony Corporation
CXA1845Q SONY-CXA1845Q Datasheet
390Kb / 19P
   I2C BUS-COMPATIBLE AUDIO/VIDEO SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com