전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA73026AV 데이터시트(PDF) 8 Page - Sanyo Semicon Device

부품명 LA73026AV
상세설명  Double Scart Interface IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA73026AV 데이터시트(HTML) 8 Page - Sanyo Semicon Device

Back Button LA73026AV Datasheet HTML 4Page - Sanyo Semicon Device LA73026AV Datasheet HTML 5Page - Sanyo Semicon Device LA73026AV Datasheet HTML 6Page - Sanyo Semicon Device LA73026AV Datasheet HTML 7Page - Sanyo Semicon Device LA73026AV Datasheet HTML 8Page - Sanyo Semicon Device LA73026AV Datasheet HTML 9Page - Sanyo Semicon Device LA73026AV Datasheet HTML 10Page - Sanyo Semicon Device LA73026AV Datasheet HTML 11Page - Sanyo Semicon Device LA73026AV Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
LA73026AV
No.A0239-8/13
Continued from preceding page.
Pin No.
Pin name
Function
DC voltage
Equivalent circuit
30
31
42
43
AOUT2L
AOUT2R
AOUT3L
AOUT3R
Audio output terminal
Push-pull output
Low-Impedance
4.91V
39
40
AOUT1L
AOUT1R
Audio output terminal
Push-pull output
Low-Impedance
4.91V
41
44
PWRMUTE1
PWRMUTE2
Output terminal of audio muting
0V
Power Save
LA73024AV has two supplies 5V for Video part and 12V for audio part and FSS output. LA73024AV separates
perfectly 5V system from 12V system, so it can be individually movement. For example when in the stand-by mode, if
you open 14 pins but 5V supplies 24 and 29 pins, Video part and serial control part work normally. In this case audio
part and FSS output don’t work normally. And when you pull up 8pin and open 24 pin , IC chooses automatically video
sw3-B.Consequently Ext input and Decoder output only move , you can save more power dissipation .
Audio Mute
LA73024AV builds in two mute transistors for reduce audio pop-noise when occur at power on and off. You can control
both on serial control and on external parallel control for audio mute.
VCC12V
MUTE:
ON
PGND
AOUT
VCC12V
PGND
AOUT1
VCC12
REG10.5V
Always VCC(5V)
PGND
PWRMUTE


유사한 부품 번호 - LA73026AV

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA73024AV SANYO-LA73024AV Datasheet
629Kb / 12P
   Double Scart Interface IC
More results

유사한 설명 - LA73026AV

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA73024AV SANYO-LA73024AV Datasheet
629Kb / 12P
   Double Scart Interface IC
logo
STMicroelectronics
STV6400 STMICROELECTRONICS-STV6400 Datasheet
85Kb / 9P
   DOUBLE SCART INTERFACE
logo
NXP Semiconductors
SAA7151B PHILIPS-SAA7151B Datasheet
235Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7151B PHILIPS-SAA7151B Datasheet
311Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
TDA8007B PHILIPS-TDA8007B Datasheet
159Kb / 36P
   Double multiprotocol IC card interface
2000 Nov 09
logo
Maxim Integrated Produc...
MAX9597 MAXIM-MAX9597 Datasheet
451Kb / 32P
   Low-Power Audio/Video Interface for Single SCART Connectors
Rev 1; 10/08
logo
Asahi Kasei Microsystem...
AK4703 AKM-AK4703 Datasheet
342Kb / 38P
   AV SCART switch
AKD4708-A AKM-AKD4708-A Datasheet
1Mb / 28P
   AV SCART switch
AK4707 AKM-AK4707 Datasheet
406Kb / 42P
   AV SCART Switch
logo
Sony Corporation
CXD3508ATQ SONY-CXD3508ATQ Datasheet
254Kb / 18P
   LCD Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com