전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA79500E 데이터시트(PDF) 9 Page - Sanyo Semicon Device

부품명 LA79500E
상세설명  For TV 6-input, 3-output Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA79500E 데이터시트(HTML) 9 Page - Sanyo Semicon Device

Back Button LA79500E Datasheet HTML 5Page - Sanyo Semicon Device LA79500E Datasheet HTML 6Page - Sanyo Semicon Device LA79500E Datasheet HTML 7Page - Sanyo Semicon Device LA79500E Datasheet HTML 8Page - Sanyo Semicon Device LA79500E Datasheet HTML 9Page - Sanyo Semicon Device LA79500E Datasheet HTML 10Page - Sanyo Semicon Device LA79500E Datasheet HTML 11Page - Sanyo Semicon Device LA79500E Datasheet HTML 12Page - Sanyo Semicon Device LA79500E Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LA79500E
No.A0259-9/16
Serial Control Specification
Slave address
MSB
LSB
1
0
0
1
0
0
ADR
R/W
ADR : This bit sets the slave address set by the address pin.
0 : address pin “LOW”
1 : address pin “HIGH”
R/W : Read/write mode
0 : Control data write
1 : Staus register read
Data format (Write mode)
S
Slave address (8bit)
A
Sub address (8bit)
A
Data address (8bit)
00 to 05 Group
A
P
Start condition
Acknowledge
Stop condition
Sub address and Data byte
Write mode
* : indicates undefined
Sub address
Data byte (Underline is initial setting.)
MSB
LSB
D8
D7
D6
D5
D4
D3
D2
D1
00
(0000 0000)
VOUT1
Gain
0 : 0dB
1 : 6dB
VOUT1
000 : TV1 100 : CV3
001 : TV2 101 : CV4
010 : CV1 110 : MUTE
011 : CV2 111 : MUTE
L/ROUT1
000 : TV1 100 : V3
001 : TV2 101 : V4
010 : V1
110 : MUTE
011 : V2
111 : Pr/Pb
L/ROUT1
Gain
0 : 0dB
1 : 6dB
01
(0000 0001)
VOUT2
Gain
0 : 0dB
1 : 6dB
VOUT2
000 : TV1 100 : CV3
001 : TV2 101 : CV4
010 : CV1 110 : MUTE
011 : CV2 111 : Y+C
L/ROUT2
000 : TV1 100 : V3
001 : TV2 101 : V4
010 : V1
110 : MUTE
011 : V2
111 : Pr/Pb
L/ROUT2
Gain
0 : 0dB
1 : 6dB
02
(0000 0010)
VOUT3
Gain
0 : 0dB
1 : 6dB
VOUT3
000 : TV1 100 : CV3
001 : TV2 101 : CV4
010 : CV1 110 : MUTE
011 : CV2 111 : Y+C
L/ROUT3
000 : TV1 100 : V3
001 : TV2 101 : V4
010 : V1
110 : MUTE
011 : V2
111 : Pr/Pb
L/ROUT3
Gain
0 : 0dB
1 : 6dB
03
(0000 0011)
*
VOUT3 Y+C
00 : Y1/C1
01 : Y2/C2
10 : Y3/C3
11 : Y4/C4
*
L/ROUT1
0 : Pr5/Pb5
1 : Pr6/Pb6
L/ROUT2
0 : Pr5/Pb5
1 : Pr6/Pb6
L/ROUT3
0 : Pr5/Pb5
1 : Pr6/Pb6
*
04
(0000 0100)
Y/COUT1
Gain
0 : 0dB
1 : 6dB
Y/C/Pr/PbOUT1
000 : Y1/C1 100 : Y/CCOMB
001 : Y2/C2 101 : Y5/Pr5/Pb5
010 : Y3/C3 110 : Y6/Pr6/Pb6
011 : Y4/C4 111 : MUTE
GPO1
0 : Low
1 : High
GPO2
0 : Low
1 : High
GPO3
0 : Low
1 : High
GPO4
0 : Low
1 : High
05
(0000 0101)
Y/COUT2
Gain
0 : 0dB
1 : 6dB
Y/C/Pr/PbOUT2 & VOUT2 Y+C
000 : Y1/C1 100 : VOUT2
001 : Y2/C2 101 : Y5/Pr5/Pb5
010 : Y3/C3 110 : Y6/Pr6/Pb6
011 : Y4/C4 111 : MUTE
GPO5
0 : Low
1 : High
GPO6
0 : Low
1 : High
DC_OUT
00/01 : 0V (Low)
10 : 1.9V (Mid)
11 : 4.5V (High)


유사한 부품 번호 - LA79500E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA7950 SANYO-LA7950 Datasheet
60Kb / 3P
   TV Field Frequency Discriminator
More results

유사한 설명 - LA79500E

제조업체부품명데이터시트상세설명
logo
New Japan Radio
NJM2596 NJRC-NJM2596 Datasheet
65Kb / 7P
   5-INPUT 3-OUTPUT VIDEO SWITCH FOR S2
logo
Mitsumi Electronics, Co...
MM1140 MITSUMI-MM1140 Datasheet
102Kb / 6P
   6-Input 1-Output Video Switch
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2279 NJRC-NJM2279 Datasheet
345Kb / 10P
   3-INPUT 2-OUTPUT VIDEO SWITCH FOR AV-SET
NJM2595 NJRC-NJM2595 Datasheet
585Kb / 9P
   5-INPUT 3-OUTPUT VIDEO SWITCH
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
NJM2534 NJRC-NJM2534 Datasheet
175Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH????
NJM2296 NJRC-NJM2296 Datasheet
281Kb / 8P
   5-INPUT 3-OUTPUT VIDEO SWITCH
NJM2521 NJRC-NJM2521 Datasheet
127Kb / 3P
   3-INPUT 1-OUTPUT AUDIO SWITCH?
logo
ON Semiconductor
FMS6502 ONSEMI-FMS6502 Datasheet
660Kb / 15P
   8-Input, 6-Output Video Switch Matrix
January 2007 Rev. 1.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com