전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1868M 데이터시트(PDF) 5 Page - Sanyo Semicon Device

부품명 LB1868M
상세설명  2-phase Brushless Fan Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1868M 데이터시트(HTML) 5 Page - Sanyo Semicon Device

  LB1868M Datasheet HTML 1Page - Sanyo Semicon Device LB1868M Datasheet HTML 2Page - Sanyo Semicon Device LB1868M Datasheet HTML 3Page - Sanyo Semicon Device LB1868M Datasheet HTML 4Page - Sanyo Semicon Device LB1868M Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LB1868M
PS No.6203-5/5
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd.
products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or
malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise
to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt
safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not
limited to protective circuits and error prevention circuits for safe design, redundant design, and structural
design.
Upon using the technical information or products described herein, neither warranty nor license shall be granted
with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third
party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's
intellctual property rights which has resulted from the use of the technical information and products mentioned
above.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed
for volume production.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise,
without the prior written consent of SANYO Semiconductor Co.,Ltd.
(2) 24V supply voltage
1
IN−
2
IN+
3
CT
4
ST
5
OUT1
6
BC
7
GND
14
13
12
11
10
9
VIN
RD
Z2
Z1
OUT2
8
NC
LB1868M
H
1.2k
2k
VCC
24V
0.47
µF
FG
(3) High-Power Fan (120mm-HH-Speed)
1
IN−
2
IN+
3
CT
4
ST
5
OUT1
6
BC
7
GND
14
13
12
11
10
9
VIN
RD
Z2
Z1
OUT2
8
NC
LB1868M
H
2k
VCC
12V
(24V)
0.47
µF
FG
330
(1.2k
Ω)
VZ=12V
(24V)
This catalog provides information as of March, 2009. Specifications and information herein are subject
to change without notice.


유사한 부품 번호 - LB1868M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1868M SANYO-LB1868M Datasheet
43Kb / 5P
   Two-Phase Brushless Fan Motor Driver
logo
ON Semiconductor
LB1868M ONSEMI-LB1868M Datasheet
89Kb / 5P
   Fan Motor Driver
May, 2013
LB1868M ONSEMI-LB1868M Datasheet
226Kb / 9P
   2?릔hase Brushless Fan Motor Driver
March, 2018 ??Rev. 1
LB1868M-TLM-E ONSEMI-LB1868M-TLM-E Datasheet
226Kb / 9P
   2?릔hase Brushless Fan Motor Driver
March, 2018 ??Rev. 1
LB1868M-TLM-H ONSEMI-LB1868M-TLM-H Datasheet
89Kb / 5P
   Fan Motor Driver
May, 2013
More results

유사한 설명 - LB1868M

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LB1867M ONSEMI-LB1867M Datasheet
86Kb / 5P
   2-phase Brushless Fan Motor Driver
May, 2013
LB1868 ONSEMI-LB1868 Datasheet
84Kb / 5P
   2-phase Brushless Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1868 SANYO-LB1868_09 Datasheet
84Kb / 5P
   2-phase Brushless Fan Motor Driver
LB1867M SANYO-LB1867M_09 Datasheet
86Kb / 5P
   2-phase Brushless Fan Motor Driver
logo
Rohm
BM6202FS ROHM-BM6202FS Datasheet
663Kb / 23P
   3-Phase Brushless Fan Motor Driver
BM6214FS ROHM-BM6214FS Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
BM6203FS ROHM-BM6203FS Datasheet
688Kb / 24P
   3-Phase Brushless Fan Motor Driver
logo
Sanyo Semicon Device
LB1867M SANYO-LB1867M Datasheet
44Kb / 5P
   Two-Phase Brushless Fan Motor Driver
logo
Rohm
BM6242FS ROHM-BM6242FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6243FS ROHM-BM6243FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com