전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1927 데이터시트(PDF) 7 Page - Sanyo Semicon Device

부품명 LB1927
상세설명  For Office Automation Equipment 3-phase Brushless Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1927 데이터시트(HTML) 7 Page - Sanyo Semicon Device

Back Button LB1927 Datasheet HTML 3Page - Sanyo Semicon Device LB1927 Datasheet HTML 4Page - Sanyo Semicon Device LB1927 Datasheet HTML 5Page - Sanyo Semicon Device LB1927 Datasheet HTML 6Page - Sanyo Semicon Device LB1927 Datasheet HTML 7Page - Sanyo Semicon Device LB1927 Datasheet HTML 8Page - Sanyo Semicon Device LB1927 Datasheet HTML 9Page - Sanyo Semicon Device LB1927 Datasheet HTML 10Page - Sanyo Semicon Device LB1927 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LB1927
No.6197-7/11
Continued from preceding page.
Pin No.
Pin name
Pin function
Equivalent circuit
11
INTOUT
Integrator output pin (speed control pin).
12
INTIN
Integrator input pin.
13
POUT
PLL output pin.
14
DOUT
Speed discriminator output pin.
Acceleration : High, Deceleration : Low
15
LD
Speed lock detection pin.
When motor rotation is within lock range (
±6.25%) : Low
Withstand voltage : 30V max.
Continued on next page.


유사한 부품 번호 - LB1927

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
   3-phase Brushless Motor Driver
May, 2013
More results

유사한 설명 - LB1927

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1929 SANYO-LB1929_08 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1928 SANYO-LB1928_08 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1928 SANYO-LB1928 Datasheet
112Kb / 11P
   Three-Phase Brushless Motor Driver for Office Automation Equipment
LB1820 SANYO-LB1820 Datasheet
77Kb / 7P
   Office Automation-Use 3-Phase Brushless Motor Driver
LB1924 SANYO-LB1924 Datasheet
133Kb / 11P
   Power Brushless Motor Driver IC for Office Automation Equipment
LB1920 SANYO-LB1920 Datasheet
289Kb / 10P
   Three-Phase Brushless Motor Driver for Office Automation Applications
LB1922 SANYO-LB1922 Datasheet
123Kb / 10P
   Three-Phase Brushless Motor Driver for Office Automation Applications
LB11920 SANYO-LB11920 Datasheet
103Kb / 10P
   Three-Phase Brushless Motor Driver for Office Equipment Applications
LB1975 SANYO-LB1975_08 Datasheet
141Kb / 10P
   For Fan Motor 3-phase Brushless Motor Driver
LB1976 SANYO-LB1976_08 Datasheet
141Kb / 10P
   For Fan Motor 3-phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com