전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1930M 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 LB1930M
상세설명  Low-Voltage, Low-Saturation Bidirectional Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1930M 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  LB1930M Datasheet HTML 1Page - Sanyo Semicon Device LB1930M Datasheet HTML 2Page - Sanyo Semicon Device LB1930M Datasheet HTML 3Page - Sanyo Semicon Device LB1930M Datasheet HTML 4Page - Sanyo Semicon Device LB1930M Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LB1930M
No.6068-4/5
VO(sat) -- IO
VO(sat) -- Tc
ICC -- VCC
ICC -- Tc
ICC -- Tc
IIN -- VIN
Ta = 25
°C
VCC = 5V
total
(Low + High side)
IO= 500mA
IO= 200mA
1.0
0
0.9
0.6
0.4
0.2
1.0
0
0.9
0.6
0.4
0.2
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-40
-20
0
20
40
60
80
100
140
120
-40
-20
0
20
40
60
80
100
140
120
-40
-20
0
20
40
60
80
100
140
120
-40
-20
0
20
40
60
80
100
140
120
-40
-20
0
20
40
60
80
100
140
120
28
0
24
16
8
4
20
12
20
0
12
8
4
16
28
0
24
16
8
4
20
12
160
0
40
120
80
1.8
0
1.6
0.8
0.4
1.2
100
0
80
40
20
60
VCC =
8V
VCC =3V
VCC= 2V
VCC =8V
VCC =3V
VCC = 2V
VCC = 3V
VCC = 11V
VIN = 5V
0.29
0
1
234567
12
10
89
11
01
2
3
4
5
6
7
10
89
Output current, IO -- A
Case temperature, Tc --
°C
Case temperature, Tc --
°C
Case temperature, Tc --
°C
Case temperature, Tc --
°C
Case temperature, Tc --
°C
ICC Standby Temperature Characteristics
IN pin Input Current vs. Temperature Characteristics
Brake
Forward/reverse
Forward/reverse
Brake
Input voltage, VIN -- V
Supply voltage, VCC -- V
Under 0.01
μA


유사한 부품 번호 - LB1930M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1930M SANYO-LB1930M Datasheet
147Kb / 5P
   Single-Channel Low Saturation Voltage Forward/Reverse Motor Driver
LB1930MC SANYO-LB1930MC Datasheet
101Kb / 5P
   Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1930MC ONSEMI-LB1930MC Datasheet
74Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
More results

유사한 설명 - LB1930M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1638 SANYO-LB1638_08 Datasheet
85Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1838M-TRM-E ONSEMI-LB1838M-TRM-E Datasheet
69Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
LB1830M SANYO-LB1830M_11 Datasheet
89Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1838M SANYO-LB1838M_12 Datasheet
87Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1638MC-AH ONSEMI-LB1638MC-AH Datasheet
68Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1846M SANYO-LB1846M_99 Datasheet
144Kb / 8P
   Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
logo
ON Semiconductor
LB1838JM ONSEMI-LB1838JM Datasheet
72Kb / 5P
   Low-Saturation Bidirectional Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1848M-TE-R-E SANYO-LB1848M-TE-R-E Datasheet
144Kb / 8P
   Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com