전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1933M 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 LB1933M
상세설명  Low-saturation Forward/Reverse Motor Drive
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1933M 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  LB1933M Datasheet HTML 1Page - Sanyo Semicon Device LB1933M Datasheet HTML 2Page - Sanyo Semicon Device LB1933M Datasheet HTML 3Page - Sanyo Semicon Device LB1933M Datasheet HTML 4Page - Sanyo Semicon Device LB1933M Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LB1933M
No.6506-2/5
Allowable Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC
2.2 to 7.5
V
Power supply voltage range
VS
1.8 to 7.5
V
Input high-level voltage
VIH
1.8 to 7.5
V
Input low-level voltage
VIL
-0.3 to +0.7
V
Electrical Characteristics at Ta = 25
°C, VS1=VS2=VCC=3V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
ICCO
TOTAL, ENA=0V, VIN=0V
0.1
10
µA
ICC
VCC, ENA=3V, VIN=3V
5
7
mA
Power current
IS
VS1+VS2, ENA=3V, VIN=3V
16
25
mA
VOsat1
ENA=3V, VIN=3V or 0V, IOUT=300mA
0.30
0.45
V
Output saturation voltage
VOsat2
ENA=2.2V, VIN=2.2V or 0V, VCC=2.2V,
VS=2.0V, IOUT=150mA
0.20
V
IIN
VIN=3V
80
µA
Input current
IENA
VENA=3V
80
µA
Spark killer diode
Reverse current
IS (leak)
VCC=VS=7V
30
µA
Forward voltage
VSF
IOUT=400mA
1.7
V
Package Dimensions
unit : mm (typ)
3111A
SANYO : MFP14S(225mil)
1
14
7
8
8.0
0.15
(1.0)
1.0
0.35
0
1000
800
600
400
200
60
80
75
100
--20
--40
20
040
ILB00046
Pd max - Ta
Mounted on a specified board:
30mm
×30mm×1.5mm glass epoxy
Ambient Temperature, Ta -
°C


유사한 부품 번호 - LB1933M

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LB1933M ONSEMI-LB1933M Datasheet
60Kb / 5P
   Low-Saturation Bidirectional Motor Driver
June, 2013
More results

유사한 설명 - LB1933M

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LB1948MC ONSEMI-LB1948MC Datasheet
286Kb / 8P
   Motor Driver, Forward/Reverse Low Saturation Voltage Drive
August 2016- Rev. 1
LB1948MC-AH ONSEMI-LB1948MC-AH Datasheet
132Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8548M SANYO-LV8548M Datasheet
191Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8548MC-AH ONSEMI-LV8548MC-AH Datasheet
128Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1948M SANYO-LB1948M Datasheet
60Kb / 6P
   Low saturation voltage drive forward/reverse 12 V motor driver
logo
ON Semiconductor
LB1938FA-BH ONSEMI-LB1938FA-BH Datasheet
96Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
LB1938FA-AH ONSEMI-LB1938FA-AH Datasheet
96Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
LB1938FA ONSEMI-LB1938FA Datasheet
96Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1938T SANYO-LB1938T_07 Datasheet
65Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8548MC ONSEMI-LV8548MC Datasheet
317Kb / 12P
   Motor Driver, Forward/Reverse, Low Saturation Voltage
August 2015- Rev. 4
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com