전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB11961V 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 LB11961V
상세설명  Single-Phase Full-Wave Fan Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11961V 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  LB11961V Datasheet HTML 1Page - Sanyo Semicon Device LB11961V Datasheet HTML 2Page - Sanyo Semicon Device LB11961V Datasheet HTML 3Page - Sanyo Semicon Device LB11961V Datasheet HTML 4Page - Sanyo Semicon Device LB11961V Datasheet HTML 5Page - Sanyo Semicon Device LB11961V Datasheet HTML 6Page - Sanyo Semicon Device LB11961V Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LB11961V
No.8794-2/7
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC maximum output voltage
VCC max
18
V
OUT pin maximum output
current
IOUT max
1.0
A
OUT pin output withstand
voltage
VOUT max
18
V
HB maximum output current
IHB max
10
mA
VTH input pin voltage
VTH max
6
V
RD/FG output pin output voltage
VRD/FG max
18
V
RD/FG maximum output current
IRD/FG max
10
mA
Allowable power dissipation
Pd max
When mounted on a circuit board *1
0.8
W
Operating temperature
Topr
-30 to +90
°C
Storage temperature
Tstg
-55 to +150
°C
*1 Specified circuit board : 114.3
× 76.1 × 1.6mm3, glass epoxy.
Caution 1) Absolute maximum ratings represent the value which cannot be exceeded for any length of time.
Caution 2) Even when the device is used within the range of absolute maximum ratings, as a result of continuous usage under high temperature, high current,
high voltage, or drastic temperature change, the reliability of the IC may be degraded. Please contact us for the further details.
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC supply voltage
VCC
4.5 to 16
V
VTH input level voltage range
VTH
0 to 9
V
Hall sensor input common-mode
input voltage range
VICM
0.2 to 3
V
Electrical Characteristics Unless otherwise specified Ta
= 25°C, VCC = 12V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Circuit current
ICC1
Drive mode
12
18
24
mA
ICC2
Lock protection mode
8
11
16
mA
6VREG voltage
V6VREG
I6VREG = 5mA
5.8
6
6.2
V
HB voltage
VHB
IHB = 5mA
1.10
1.25
1.40
V
CPWM high-level voltage
VCRH
3.45
3.6
3.75
V
CPWM low-level voltage
VCRL
1.95
2.05
2.15
V
CPWM oscillator frequency
FPWM
C = 100pF
18
25
32
kHz
CT pin high-level voltage
VCTH
3.45
3.6
3.75
V
CT pin low-level voltage
VCTL
1.55
1.7
1.85
V
ICT charge current
ICT1
1.5
2
2.5
μA
ICT discharge current
ICT2
0.15
0.2
0.25
μA
ICT charge/discharge current
ratio
RCT
8.5
10
11.5
OUT output low saturation
voltage
VOL
IO = 200mA
0.2
0.3
V
OUT output high saturation
voltage
VOH
IO = 200mA
0.9
1.1
V
Hall sensor input sensitivity
VHN
Zero peak value (including offset and
hysteresis)
10
20
mV
RD/FG output pin low-level
voltage
VRDL/FGL
VRD/FG = 5mA
0.2
0.3
V
RD/FG output pin leakage
current
IRDL/FGL
VRD/FG = 7V
30
μA


유사한 부품 번호 - LB11961V

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LB11961V ONSEMI-LB11961V Datasheet
76Kb / 7P
   Single-Phase Full-Wave
May, 2013
More results

유사한 설명 - LB11961V

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11862M SANYO-LB11862M Datasheet
393Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
LB11964T SANYO-LB11964T Datasheet
77Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
logo
Agamem Microelectronic ...
AA51861 AGAMEM-AA51861 Datasheet
37Kb / 1P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
ON Semiconductor
LB11961-TLM-H ONSEMI-LB11961-TLM-H Datasheet
84Kb / 7P
   Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1862 SANYO-LB1862 Datasheet
41Kb / 7P
   Fan Motor Single-Phase Full-Wave Driver
logo
ON Semiconductor
LB11862MC ONSEMI-LB11862MC Datasheet
152Kb / 6P
   Fan Motor Driver Single-Phase, Full-Wave
September 2015- Rev. 2
logo
List of Unclassifed Man...
AP1302 ETC1-AP1302 Datasheet
139Kb / 6P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
Sanyo Semicon Device
LB11862M_0611 SANYO-LB11862M_0611 Datasheet
106Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LB11861MC-AH ONSEMI-LB11861MC-AH Datasheet
70Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11961 SANYO-LB11961 Datasheet
119Kb / 7P
   Single-Phase Full-Wave Fan Motor Driver
LB1964T SANYO-LB1964T Datasheet
35Kb / 4P
   Fan Motor Single-Phase Full-Wave Driver
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com