전자부품 데이터시트 검색엔진 |
|
LC87F7CC8A 데이터시트(PDF) 10 Page - Sanyo Semicon Device |
|
LC87F7CC8A 데이터시트(HTML) 10 Page - Sanyo Semicon Device |
10 / 21 page LC87F7CC8A No.A0147-10/21 Absolute Maximum Ratings at Ta = 25°C, VSS1 = VSS2 = VSS3 = 0V Specification Parameter Symbol Pin/Remarks Conditions VDD [V] min typ max unit Supply voltage VDD max VDD1, VDD2, VDD3 VDD1=VDD2=VDD3 -0.3 +6.5 Supply voltage for LCD VLCD V1/PL4, V2/PL5, V3/PL6 VDD1=VDD2=VDD3 -0.3 VDD Input voltage VI Port L XT1, XT2, CF1, RES -0.3 VDD+0.3 Input/Output voltage VIO(1) • Ports 0, 1, 7, 8 • Ports A, B, D, E • PWM2, PWM3 -0.3 VDD+0.3 V IOPH(1) Ports 0,1 • CMOS output selected • Current at each pin -10 IOPH(2) Ports 71,72,73 Current at each pin -5 Peak output current IOPH(3) • Ports A, B, D, E • PWM2, PWM3 Current at each pin -5 IOMH(1) Ports 0,1 • CMOS output selected • Current at each pin -7.5 IOMH(2) Ports 71, 72, 73 Current at each pin -3 Average output current (Note 1-1) IOMH(3) • Ports A, B, D, E • PWM2, PWM3 Current at each pin -3 ∑IOAH(1) • Ports 0, 1 • PWM2, PWM3 Total of all pins -25 ∑IOAH(2) Port 7 Total of all pins -10 ∑IOAH(3) Ports A, B, Total of all pins -25 ∑IOAH(4) Ports D, E Total of all pins -25 Total output current ∑IOAH(5) Ports A, B, D, E Total of all pins -45 IOPL(1) Ports 0, 1 Current at each pin 20 IOPL(2) Ports 7,8 Current at each pin 10 Peak output current IOPL(3) • Ports A, B, D, E • PWM2, PWM3 Current at each pin 10 IOML(1) Ports 0, 1 Current at each pin 15 IOML(2) Ports 7, 8 Current at each pin 7.5 Average output current (Note 1-1) IOML(3) • Ports A, B, D, E • PWM2, PWM3 Current at each pin 7.5 ∑IOAL(1) • Ports 0, 1 • PWM2, PWM3 Total of all pins 45 ∑IOAL(2) Ports 7, 8 Total of all pins 15 ∑IOAL(3) Ports A, B Total of all pins 45 ∑IOAL(4) Ports D, E Total of all pins 45 Total output current ∑IOAL(5) Ports A, B, D, E Total of all pins 80 mA QFP80(14 ×14) 381 Maximum power consumption Pd max TQFP80J(12 ×12) Ta = -20 to +70 °C 325 mW Operating temperature range Topr -20 +70 Storage temperature range Tstg -55 +125 °C Note 1-1: Average output current indicates average value for 100ms term. |
유사한 부품 번호 - LC87F7CC8A |
|
유사한 설명 - LC87F7CC8A |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |