전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC87F7CC8A 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 LC87F7CC8A
상세설명  FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F7CC8A 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  LC87F7CC8A Datasheet HTML 1Page - Sanyo Semicon Device LC87F7CC8A Datasheet HTML 2Page - Sanyo Semicon Device LC87F7CC8A Datasheet HTML 3Page - Sanyo Semicon Device LC87F7CC8A Datasheet HTML 4Page - Sanyo Semicon Device LC87F7CC8A Datasheet HTML 5Page - Sanyo Semicon Device LC87F7CC8A Datasheet HTML 6Page - Sanyo Semicon Device LC87F7CC8A Datasheet HTML 7Page - Sanyo Semicon Device LC87F7CC8A Datasheet HTML 8Page - Sanyo Semicon Device LC87F7CC8A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LC87F7CC8A
No.A0147-2/21
RAM
• 4096 × 9-bits (LC87F7CC8A)
Minimum Bus Cycle Time
• 83.3ns (12MHz)
VDD=4.5 to 5.5V
• 100ns (10MHz)
VDD=2.8 to 5.5V
• 250ns (4MHz)
VDD=2.2 to 5.5V
Note: The bus cycle time indicates ROM read time.
Minimum Instruction Cycle Time (tCYC)
• 250 ns (12MHz)
VDD=4.5 to 5.5V
• 300 ns (10MHz)
VDD=2.8 to 5.5V
• 750 ns (4MHz)
VDD=2.2 to 5.5V
Ports
• Input/output ports
Data direction programmable for each bit individually:
20 (P1n, P70 to P73, P8n)
Data direction programmable in nibble units:
8 (P0n)
(When N-channel open drain output is selected, data can be input in bit units.)
• Input ports:
2 (XT1, XT2)
• Output ports:
2 (PWM2, PWM3)
• LCD ports
Segment output:
32 (S00 to S15, S24 to S39)
Common output:
4 (COM0 to COM3)
Bias terminals for LCD driver:
3 (V1 to V3)
Other functions
Input/output ports:
32 (PAn, PBn, PDn, PEn)
Input ports:
7 (PLn)
• Oscillator pins:
2 (CF1, CF2)
• Reset pin:
1 (RES)
• Power supply:
6 (VSS1 to 3, VDD1 to 3)
LCD Controller
• Seven display modes are available (static, 1/2, 1/3, 1/4 duty × 1/2, 1/3 bias)
• Segment output and common output can be switched to general purpose input/output ports.
Small Signal Detection (MIC signals etc)
• Counts pulses with the level which is greater than a preset value
• 2 bit counter
Timers
• Timer 0: 16-bit timer / counter with capture register
Mode 0: 2 channel 8-bit timer with programmable 8-bit prescaler and 8-bit capture register
Mode 1: 8-bit timer with 8-bit programmable prescaler and 8-bit capture register
+8-bit counter with 8-bit capture register
Mode 2: 16-bit timer with 8-bit programmable prescaler and 16-bit capture register
Mode 3: 16-bit counter with 16-bit capture register
• Timer 1: PWM / 16-bit timer/counter with toggle output function
Mode 0: 8-bit timer with 8-bit prescaler (and toggle output) +8-bit timer / counter with 8-bit prescaler
(and toggle output)
Mode 1: 2 channel 8-bit PWM with 8-bit prescaler
Mode 2: 16-bit timer/counter with 8-bit prescaler (and toggle output)
(Toggle output also possible using the lower order 8-bits)
Mode 3: 16-bit timer with 8-bit prescaler (and toggle output)
(The lower order 8 bits can be used as PWM output)
Continued on next page.


유사한 부품 번호 - LC87F7CC8A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC87F7032A SANYO-LC87F7032A Datasheet
136Kb / 21P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F72C8A SANYO-LC87F72C8A Datasheet
717Kb / 24P
   8-Bit Single Chip Microcontroller with 128 KB Flash Memory and 2048-Byte RAM On Chip
LC87F74C8A SANYO-LC87F74C8A Datasheet
575Kb / 21P
   8-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F76C8A ONSEMI-LC87F76C8A Datasheet
187Kb / 24P
   8-bit 1-chip Microcontroller
May, 2013 Ver.0.09
More results

유사한 설명 - LC87F7CC8A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC87F5JC8A SANYO-LC87F5JC8A Datasheet
156Kb / 25P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5NC8A SANYO-LC87F5NC8A Datasheet
178Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A_10 Datasheet
171Kb / 26P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC88F83B0A SANYO-LC88F83B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com