전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC88F40H0PAU 데이터시트(PDF) 5 Page - Sanyo Semicon Device

부품명 LC88F40H0PAU
상세설명  For Car Audio Systems 16-bit ETR Microcontroller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC88F40H0PAU 데이터시트(HTML) 5 Page - Sanyo Semicon Device

  LC88F40H0PAU Datasheet HTML 1Page - Sanyo Semicon Device LC88F40H0PAU Datasheet HTML 2Page - Sanyo Semicon Device LC88F40H0PAU Datasheet HTML 3Page - Sanyo Semicon Device LC88F40H0PAU Datasheet HTML 4Page - Sanyo Semicon Device LC88F40H0PAU Datasheet HTML 5Page - Sanyo Semicon Device LC88F40H0PAU Datasheet HTML 6Page - Sanyo Semicon Device LC88F40H0PAU Datasheet HTML 7Page - Sanyo Semicon Device LC88F40H0PAU Datasheet HTML 8Page - Sanyo Semicon Device LC88F40H0PAU Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LC88F40H0PA/H0PAU/F0PA/F0PAU/D0PA/D0PAU
No.A1853-5/32
Infrared remote controller receive functions
1) Noise rejection function
2) PPM(Pulse Position Modulation), compatible with Manchester and other data encoding systems.
3) HOLDX mode release function
Oscillation circuits
• RC oscillator circuit (internal):
For system clock
• XT oscillator circuit:
For system clock
• VCO oscillator circuit (internal): For system clock
Low power consumption
• HALT mode:
Halts instruction execution while allowing the peripheral circuits to continue operation.
• HOLD mode:
Suspends instruction execution and the operation of the peripheral circuits.
• HOLDX mode: Suspends instruction execution and operation of all the peripheral circuits except the modules run
on the XT clock.
System clock divider function
• Can run on low current.
• 1/1 to 1/128 of the system clock frequency can be set.


유사한 부품 번호 - LC88F40H0PAU

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
logo
ON Semiconductor
LC88F52H0A ONSEMI-LC88F52H0A Datasheet
220Kb / 38P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.03
logo
Sanyo Semicon Device
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
logo
ON Semiconductor
LC88F58B0A ONSEMI-LC88F58B0A Datasheet
190Kb / 31P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.03
logo
Sanyo Semicon Device
LC88F5LA4ACS SANYO-LC88F5LA4ACS Datasheet
227Kb / 33P
   FROM 96K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
More results

유사한 설명 - LC88F40H0PAU

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC878496PB SANYO-LC878496PB Datasheet
240Kb / 29P
   8-bit ETR Microcontroller
LC723661 SANYO-LC723661 Datasheet
220Kb / 12P
   CMOS IC Electronic tuning radio for car audio ETR Controllers
LC72F3781 SANYO-LC72F3781 Datasheet
132Kb / 17P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LC723781N SANYO-LC723781N Datasheet
479Kb / 14P
   CMOS IC Electronic tuning system for car audio ETR Microcontrollers
LC72F3661 SANYO-LC72F3661 Datasheet
117Kb / 15P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
   Electronic Volume Control for Car Audio Systems
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
   Electronic Volume Controller for Car Audio Systems
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com