전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC875BH4A 데이터시트(PDF) 10 Page - Sanyo Semicon Device

부품명 LC875BH4A
상세설명  ROM 256K/224K/192K/176K byte, RAM 4096K byte on-chip 8-bit 1-chip Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC875BH4A 데이터시트(HTML) 10 Page - Sanyo Semicon Device

Back Button LC875BH4A Datasheet HTML 6Page - Sanyo Semicon Device LC875BH4A Datasheet HTML 7Page - Sanyo Semicon Device LC875BH4A Datasheet HTML 8Page - Sanyo Semicon Device LC875BH4A Datasheet HTML 9Page - Sanyo Semicon Device LC875BH4A Datasheet HTML 10Page - Sanyo Semicon Device LC875BH4A Datasheet HTML 11Page - Sanyo Semicon Device LC875BH4A Datasheet HTML 12Page - Sanyo Semicon Device LC875BH4A Datasheet HTML 13Page - Sanyo Semicon Device LC875BH4A Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
LC875BP4A/875BM2A/875BJ0A/875BH4A
No.7972-10/25
Pin Description
Name
I/O
Function description
Option
VSS1, VSS2
VSS3, VSS4
-
Power supply pin (-)
No
VDD1, VDD2
VDD3, VDD4
-
Power supply pin (+)
No
Port 0
P00 to P07
I/O
• 8-bit I/O port
• I/O specifiable in 4-bit units
• Pull-up resistor can be turned on and off in 4-bit units
• HOLD release input
• Port 0 interrupt input
• Pin functions
P05 : System clock output
P06 : Timer 6 toggle output
P07 : Timer 7 toggle output
Yes
Port 1
P10 to P17
I/O
• 8-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistor can be turned on and off in 1-bit units
• Pin functions
P10: SIO0 data output
P11 : SIO0 data input, bus I/O
P12 : SIO0 clock I/O
P13 : SIO1 data output
P14 : SIO1 data input, bus I/O
P15 : SIO1 clock I/O
P16 : Timer 1 PWML output
P17 : Timer 1 PWMH output/buzzer output
Yes
Port 2
• 8-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistor can be turned on and off in 1-bit units
• Other functions
P20 to P23 : INT4 input/HOLD release input/timer 1 event input/timer 0L capture
input/timer 0H capture input
P24 to P27 : NT5 input/HOLD release input/timer 1 event input/timer 0L capture
input/timer 0H capture input
• Interrupt detection style
Rising
Falling
Rising/
falling
H level
L level
INT4
enable
enable
enable
disable
disable
INT5
enable
enable
enable
disable
disable
P20 to P27
I/O
Yes
Port 3
P30 to P36
I/O
• 7-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistor can be turned on and off in 1-bit units
• Pin functions
P30 : PWM4 output
P31 : PWM5 output
P32 : UART1 transmit
P33 : UART1 receive
P34 : UART2 transmit
P35 : UART2 receive
Yes
Continued on next page.


유사한 부품 번호 - LC875BH4A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC875016A SANYO-LC875016A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875024A SANYO-LC875024A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875032A SANYO-LC875032A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875048B SANYO-LC875048B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
LC875056B SANYO-LC875056B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
More results

유사한 설명 - LC875BH4A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC87F7DJ2B SANYO-LC87F7DJ2B_10 Datasheet
172Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2C SANYO-LC87F7DJ2C Datasheet
214Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC88F83B0A SANYO-LC88F83B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC88F85D0A SANYO-LC88F85D0A Datasheet
264Kb / 31P
   FROM 256K byte, RAM 8K byte on-chip 16-bit 1-chip Microcontroller
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC875J96B SANYO-LC875J96B Datasheet
148Kb / 23P
   ROM 96K/80K/72K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com