전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC01707PLF 데이터시트(PDF) 11 Page - Sanyo Semicon Device

부품명 LC01707PLF
상세설명  FM multiple tuner IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC01707PLF 데이터시트(HTML) 11 Page - Sanyo Semicon Device

Back Button LC01707PLF Datasheet HTML 7Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 8Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 9Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 10Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 11Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 12Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 13Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 14Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LC01707PLF
No.A1928-11/18
Electrical specification and timing for I/O stages
Bus line characteristics
Characteristic
Symbol
FAST-MODE
unit
Example at
SCL = 100kHz
min
max
SCL clock frequency
fSCL
400
kHz
100
Fall time of SDA and SCL
t1
20+0.1Cb
300
ns
Rise time of SDA and SCL
t2
20+0.1Cb
300
ns
SCL “H” time
t3
0.6
μs
3
SCL “L” time
t4
1.3
μs
7
[Start] condition holding time
t5
0.6
μs
10
Data holding time for I
2C bus device
t6
0.3
μs
Data setup time
t7
0.1
μs
3
[Stop] condition setup time
t8
0.6
μs
10
Bus free time between [Stop] and [Start]
t9
1.3
μs
20
[Start] condition setup time
t10
0.6
μs
Bus line capacitive load
Cb
400
pF
Serial interface voltage level
VDD: Communication bus voltage
Characteristic
min
max
unit
High level input voltage
0.7VDD
VDD
V
Low level input voltage
0.0
0.3VDD
V
High level output voltage (open drain)
VDD *2
V
Low level output voltage (open drain)
0.0
0.2VDD
V
*2: Output impedance of open drain becomes high at the high level output voltage.
Output voltage equals to VDD (voltage =VDD) since drain is pulled up to VDD.
t1
t10
t5
START
condition
t4
t2
t6
t3
t7
t1
t2
SD
SC
t9
t8
STOP
condition


유사한 부품 번호 - LC01707PLF

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC01707PLF ONSEMI-LC01707PLF Datasheet
207Kb / 18P
   FM multiple tuner IC
May, 2013
More results

유사한 설명 - LC01707PLF

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC01707PLF ONSEMI-LC01707PLF Datasheet
207Kb / 18P
   FM multiple tuner IC
May, 2013
logo
Toshiba Semiconductor
TA8167N TOSHIBA-TA8167N Datasheet
468Kb / 14P
   3V AM/FM 1CHP TUNER IC
TA8127N TOSHIBA-TA8127N Datasheet
499Kb / 16P
   3V AM/FM 1CHIP TUNER IC
TA8122AN TOSHIBA-TA8122AN Datasheet
524Kb / 17P
   3V AV/FM 1CHIP TUNER IC
logo
Wuxi Youda electronics ...
YD2149 YOUDA-YD2149 Datasheet
133Kb / 7P
   AM/FM 1 CHIP TUNER IC
logo
Toshiba Semiconductor
TA7792P TOSHIBA-TA7792P Datasheet
388Kb / 9P
   AM/FM 1CHIP TUNER SYSTEM IC
logo
ON Semiconductor
LA1837M ONSEMI-LA1837M Datasheet
463Kb / 9P
   Single-Chip AM/FM Tuner IC
May, 2013
logo
List of Unclassifed Man...
RTC6218 ETC1-RTC6218 Datasheet
420Kb / 20P
   FM Tuner
logo
Sanyo Semicon Device
LC01700PW SANYO-LC01700PW Datasheet
141Kb / 18P
   CMOS LSI FM tuner IC for VICS
logo
Wuxi Youda electronics ...
YD2111 YOUDA-YD2111 Datasheet
100Kb / 5P
   3V AM/FM ONE CHIP TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com