전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC8784M4PB 데이터시트(PDF) 5 Page - Sanyo Semicon Device

부품명 LC8784M4PB
상세설명  8-bit ETR Microcontroller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC8784M4PB 데이터시트(HTML) 5 Page - Sanyo Semicon Device

  LC8784M4PB Datasheet HTML 1Page - Sanyo Semicon Device LC8784M4PB Datasheet HTML 2Page - Sanyo Semicon Device LC8784M4PB Datasheet HTML 3Page - Sanyo Semicon Device LC8784M4PB Datasheet HTML 4Page - Sanyo Semicon Device LC8784M4PB Datasheet HTML 5Page - Sanyo Semicon Device LC8784M4PB Datasheet HTML 6Page - Sanyo Semicon Device LC8784M4PB Datasheet HTML 7Page - Sanyo Semicon Device LC8784M4PB Datasheet HTML 8Page - Sanyo Semicon Device LC8784M4PB Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LC878496PB/C8PB/G0PB/G1PB/J2PB/J3PB/M4PB/P6PB/P7PB
No.A1795-5/29
Standby Function
• HALT mode: Halts instruction execution while allowing the peripheral circuits to continue operation.
1) Oscillation is not halted automatically.
2) Canceled by system reset, detection VDET0 or occurrence of interrupt.
• HOLD mode: Suspends instruction execution and the operation of the peripheral circuits.
1) The CF oscillators, RC, and crystal oscillators automatically stop operation.
2) There are four ways of resetting the HOLD mode.
(1) Setting the Reset pin to the lower level.
(2) Voltage descent detection (VDET1)
(3) Setting at least one of the INT0, INT1, INT2, INT4, and INT5 pins to the specified level.
(4) Having an interrupt source established at port 0.
• X'tal HOLD mode: Suspends instruction execution and the operation of the peripheral circuits except the base timer.
1) The CF oscillators, and RC oscillators automatically stop operation.
2) The state of crystal oscillation established when X’tal HOLD mode is entered is retained.
3) There are five ways of resetting the X'tal HOLD mode.
(1) Setting the Reset pin to the low level.
(2) Voltage descent detection (VDET0)
(3) Setting at least one of the INT0, INT1, INT2, INT4, and INT5 pins to the specified level.
(4) Having an interrupt source established at port 0.
(5) Having an interrupt source established in the base timer circuit.
Reset
• External reset
• Voltage descent detection (VDET0, VDET1) reset circuit (internal)
Shipping Form
• QIP100E (Lead Free Product)
Flash ROM Version
• LC87F83P7PB
• LC87F83P7PBU (User writing)


유사한 부품 번호 - LC8784M4PB

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC871H92A SANYO-LC871H92A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC871H96A SANYO-LC871H96A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC871HC4A SANYO-LC871HC4A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC871HC8A SANYO-LC871HC8A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC872G04A SANYO-LC872G04A Datasheet
174Kb / 27P
   8-bit 1-chip Microcontroller
More results

유사한 설명 - LC8784M4PB

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC88F40H0PA SANYO-LC88F40H0PA Datasheet
249Kb / 32P
   For Car Audio Systems 16-bit ETR Microcontroller
LC87F83C8A SANYO-LC87F83C8A Datasheet
255Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 8-bit ETR Microcontroller
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com