전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST50V-27F 데이터시트(PDF) 4 Page - Shindengen Electric Mfg.Co.Ltd

부품명 ST50V-27F
상세설명  Trankiller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
홈페이지  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

ST50V-27F 데이터시트(HTML) 4 Page - Shindengen Electric Mfg.Co.Ltd

  ST50V-27F Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd ST50V-27F Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd ST50V-27F Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd ST50V-27F Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd ST50V-27F Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Reverse Current
0.01
0.1
1
10
40
60
80
100
120
140
ST50V-27F
TYP
VR = 23V
Junction Temperature Tj [
°C]


유사한 부품 번호 - ST50V-27F

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ST50V10100 STMICROELECTRONICS-ST50V10100 Datasheet
325Kb / 7P
   RF Power LDMOS transistor for frequencies up to 1.5 GHz
March 2019 Rev 2
ST50V10200 STMICROELECTRONICS-ST50V10200 Datasheet
326Kb / 8P
   RF power LDMOS transistor for frequencies up to 1.5 GHz
March 2019 Rev 2
More results

유사한 설명 - ST50V-27F

제조업체부품명데이터시트상세설명
logo
Shindengen Electric Mfg...
ST03D-200 SHINDENGEN-ST03D-200 Datasheet
338Kb / 9P
   Trankiller
ST03D-170 SHINDENGEN-ST03D-170 Datasheet
330Kb / 9P
   Trankiller
ST03D-82 SHINDENGEN-ST03D-82 Datasheet
330Kb / 9P
   Trankiller
ST04-27 SHINDENGEN-ST04-27 Datasheet
264Kb / 7P
   Trankiller
ST02D-170 SHINDENGEN-ST02D-170 Datasheet
328Kb / 9P
   Trankiller
ST03-58F1 SHINDENGEN-ST03-58F1 Datasheet
214Kb / 5P
   Trankiller
ST04-27F1 SHINDENGEN-ST04-27F1 Datasheet
269Kb / 7P
   Trankiller
ST02D-82 SHINDENGEN-ST02D-82 Datasheet
346Kb / 9P
   Trankiller
ST04-16 SHINDENGEN-ST04-16 Datasheet
263Kb / 7P
   Trankiller
ST04-16F1 SHINDENGEN-ST04-16F1 Datasheet
262Kb / 7P
   Trankiller
ST02D-200 SHINDENGEN-ST02D-200 Datasheet
326Kb / 9P
   Trankiller
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com