전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MC74LVQ02 데이터시트(HTML) 1 Page - Motorola, Inc

부품명 MC74LVQ02
상세내용  LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo 

MC74LVQ02 데이터시트(HTML) 1 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
/ 7 page
 1 / 7 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 0
© Motorola, Inc. 1995
11/95
Advance Information
Low-Voltage Quiet CMOS
Quad 2-Input NOR Gate
The MC74LVQ02 is a high performance, quad 2–input NOR gate
operating from a 2.7 to 3.6V supply. High impedance TTL compatible
inputs significantly reduce current loading to input drivers while TTL
compatible outputs offer improved switching noise performance.
Current drive capability is 12mA at the outputs.
Designed for 2.7 to 3.6V VCC Operation – Ideal for Low Power/Low
Noise Applications
Guaranteed Simultaneous Switching Noise Level and Dynamic
Threshold Performance
Guaranteed Skew Specifications
Guaranteed Incident Wave Switching into 75Ω
Low Static Supply Current (10µA) Substantially Reduces System Power
Requirements
Latchup Performance Exceeds 500mA
ESD Performance: Human Body Model >2000V
Pinout: 14–Lead (Top View)
13
14
12
11
10
9
8
2
1
3
4
5
6
7
VCC
O2
B2
A2
O3
B3
A3
O0
A0
B0
O1
A1
B1
GND
1
O0
2
A0
LOGIC DIAGRAM
3
B0
4
O1
5
A1
6
B1
13
O2
11
A2
12
B2
10
O3
8
A3
9
B3
This document contains information on a new product. Specifications and information herein are subject to
change without notice.
MC74LVQ02
LOW–VOLTAGE CMOS
QUAD 2–INPUT NOR GATE
LVQ
DT SUFFIX
PLASTIC TSSOP
CASE 948G–01
14
1
SD SUFFIX
PLASTIC SSOP
CASE 940A–03
14
1
M SUFFIX
PLASTIC SOIC EIAJ
CASE 965–01
14
1
D SUFFIX
PLASTIC SOIC
CASE 751A–03
14
1
PIN NAMES
Function
Data Inputs
Outputs
Pins
An, Bn
On
L
L
H
H
L
H
L
H
INPUTS
OUTPUTS
An
Bn
H
L
L
L
On
FUNCTION TABLE


Html Pages

1  2  3  4  5  6  7 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn