전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MC74LVQ02 데이터시트(HTML) 3 Page - Motorola, Inc

부품명 MC74LVQ02
상세내용  LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo 

MC74LVQ02 데이터시트(HTML) 3 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
/ 7 page
 3 / 7 page
background image
MC74LVQ02
LCX DATA
BR1478
3
MOTOROLA
DYNAMIC SWITCHING CHARACTERISTICS (VCC = 3.3V)
TA = +25°C
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
VOLP
Dynamic LOW Peak Voltage (Note 1)
CL = 50pF, VIH = 3.3V, VIL = 0V
0.6
1.0
V
VOLV
Dynamic LOW Valley Voltage (Note 1)
CL = 50pF, VIH = 3.3V, VIL = 0V
–0.5
–1.0
V
VIHD
High Level Dynamic Input Voltage
(Note 2)
Input–Under–Test Switching 0V to Threshold,
f=1MHz
1.5
2.0
V
VILD
Low Level Dynamic Input Voltage
(Note 2)
Input–Under–Test Switching 3.3V to Threshold,
f=1MHz
1.5
0.8
V
1. Number of outputs defined as “n”. Measured with “n–1” outputs switching from HIGH–to–LOW. The remaining output is measured in the
LOW state.
2. Number of data inputs is defined as “n” switching, “n–1” inputs switching 0V to 3.3V.
AC CHARACTERISTICS (tR = tF = 2.5ns; CL = 50pF; RL = 500Ω)
Limits
TA = +25°C
TA = –40°C to +85°C
VCC = 3.0V to 3.6V
VCC = 2.7V
VCC = 3.0V to 3.6V
VCC = 2.7V
Symbol
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Max
Max
Unit
tPLH
tPHL
Propagation Delay
Input to Output
2.0
1.5
7.0
5.0
9.5
8.0
2.0
1.5
7.5
5.5
11.0
9.0
2.0
1.0
10.0
8.5
11.5
9.5
ns
tOSHL
tOSLH
Output–to–Output Skew
(Note 1)
1.0
1.0
1.5
1.5
1.0
1.0
1.5
1.5
1.5
1.5
ns
1. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH–to–LOW (tOSHL) or LOW–to–HIGH (tOSLH); parameter
guaranteed by design.
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CPD
Power Dissipation Capacitance
10MHz, VCC = 3.3V, VI = 0V or VCC
22
pF
CIN
Input Capacitance
VCC = Open, VI = 0V or VCC
4.5
pF


Html Pages

1  2  3  4  5  6  7 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn