전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FC40SA50FKP 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 FC40SA50FKP
상세설명  Power MOSFET, 40 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FC40SA50FKP 데이터시트(HTML) 6 Page - Vishay Siliconix

Back Button FC40SA50FKP Datasheet HTML 2Page - Vishay Siliconix FC40SA50FKP Datasheet HTML 3Page - Vishay Siliconix FC40SA50FKP Datasheet HTML 4Page - Vishay Siliconix FC40SA50FKP Datasheet HTML 5Page - Vishay Siliconix FC40SA50FKP Datasheet HTML 6Page - Vishay Siliconix FC40SA50FKP Datasheet HTML 7Page - Vishay Siliconix FC40SA50FKP Datasheet HTML 8Page - Vishay Siliconix FC40SA50FKP Datasheet HTML 9Page - Vishay Siliconix FC40SA50FKP Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94542
6
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 12-May-10
FC40SA50FKP
Vishay Semiconductors
Power MOSFET, 40 A
Fig. 12c - Unclamped Inductive Waveforms
Fig. 13a - Gate Charge Test Circuit
Fig. 13b - Basic Gate Charge Waveform
Fig. 13c - Peak Diode Recovery dV/dt Test Circuit
V
(BR)DSS
I
AS
t
p
-
+
D.U .T.
V
GS
1 mA
I
D
R
L
V
DS
V
G
Charge
V
GS
V
Q
G
Q
GD
Q
GS
+
-
+
+
+
-
-
-
• dV/dt controlled by R
G
• Driver same type as D.U.T.
• I
SD controlled by duty factor "D"
• D.U.T. - Device under test
D.U.T.
Circuit layout considerations
• Low stray inductance
• Ground plane
• Low leakage inductance
current transformer
1
2
4
3
R
G
V
DD


유사한 부품 번호 - FC40SA50FKP

제조업체부품명데이터시트상세설명
logo
International Rectifier
FC40SA50FK IRF-FC40SA50FK Datasheet
122Kb / 8P
   HEXFET Power MOSFET
More results

유사한 설명 - FC40SA50FKP

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
VS-FA40SA50LC VISHAY-VS-FA40SA50LC Datasheet
307Kb / 10P
   Power MOSFET, 40 A
Revision: 01-Jun-16
VS-FA40SA50LC VISHAY-VS-FA40SA50LC_V01 Datasheet
210Kb / 10P
   Power MOSFET, 40 A
01-Jan-2022
VS-FA40SA50LC VISHAY-VS-FA40SA50LC_15 Datasheet
273Kb / 10P
   Power MOSFET, 40 A
Revision: 13-Aug-13
VS-FA40SA50LC VISHAY-VS-FA40SA50LC_V02 Datasheet
210Kb / 10P
   Power MOSFET, 40 A
01-Jan-2023
logo
ON Semiconductor
NTMFS5830NLT1G ONSEMI-NTMFS5830NLT1G Datasheet
114Kb / 6P
   Power MOSFET 40 V, 172 A, 2.3 m
June, 2012 ??Rev. 2
NTMFS5C442NL ONSEMI-NTMFS5C442NL Datasheet
83Kb / 6P
   Power MOSFET 40 V, 121 A, Single N.Channel
June, 2014 ??Rev. 0
NTMFS5832NLT1G ONSEMI-NTMFS5832NLT1G Datasheet
117Kb / 6P
   Power MOSFET 40 V, 111 A, 4.2 m
June, 2012 ??Rev. 1
NTMFS5832NL ONSEMI-NTMFS5832NL Datasheet
117Kb / 6P
   Power MOSFET 40 V, 111 A, 4.2 m
June, 2012 ??Rev. 1
NTD5805N ONSEMI-NTD5805N_12 Datasheet
143Kb / 6P
   Power MOSFET 40 V, 51 A, Single N.Channel, DPAK
April, 2012 ??Rev. 4
STK984-190-E ONSEMI-STK984-190-E_16 Datasheet
698Kb / 11P
   MOSFET Power Module 40 V, 30 A, Compact DIP
June 2016 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com