전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK672-732A-E 데이터시트(PDF) 6 Page - Sanyo Semicon Device

부품명 STK672-732A-E
상세설명  2-phase Stepping Motor Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-732A-E 데이터시트(HTML) 6 Page - Sanyo Semicon Device

Back Button STK672-732A-E Datasheet HTML 2Page - Sanyo Semicon Device STK672-732A-E Datasheet HTML 3Page - Sanyo Semicon Device STK672-732A-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-732A-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-732A-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-732A-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-732A-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-732A-E Datasheet HTML 9Page - Sanyo Semicon Device STK672-732A-E Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
STK672-732A-E
No. A1590-6/19
[Smoke Emission Precuations]
If Pin 18 (S.G terminal) is attached to the PCB without using solder, overcurrent may flow into the MOSFET at
VCCON (24V ON), causing to emit smoke because 5V circuits cannot be controlled.
In addition, as long as one of the output Pins, 1, 3, 5, or 7, is open, inductance energy stored in the motor results in
electrical stress on the driver, possibly resulting in the emission of smoke.
Input Pin Functions
Pin Name
Pin No.
Function
Input Conditions When Operating
φA
13
Pin 5, phase A output
φAB
17
Pin 7, phase AB output
φB
12
Pin 3, phase B output
φBB
10
Pin 1, phase BB output
Low active (with a function to prevent simultaneous
ON of
φA and φAB, or φB and φBB)
RESETB
14
System reset
A reset is applied by a low level
ENABLE
15
A, AB, B, and, BB outputs cut off
A, AB, B, and BB outputs are cut off by a low level
Output Pin Functions
Pin Name
Pin No.
Function
Input Conditions When Operating
FAULT
16
Monitor pin used when over-current detection or overheat
detection function is activated.
Low level is output when detected.
Note: See the timing chart for the concrete details on circuit operation.


유사한 부품 번호 - STK672-732A-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
More results

유사한 설명 - STK672-732A-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK672-612B-E ONSEMI-STK672-612B-E Datasheet
244Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com