전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

GT100LA120UX 데이터시트(HTML) 5 Page - Vishay Siliconix

부품명 GT100LA120UX
상세내용  'Low Side Chopper' IGBT SOT-227 (Trench IGBT), 100 A
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo 

GT100LA120UX 데이터시트(HTML) 5 Page - Vishay Siliconix

 
Zoom Inzoom in Zoom Outzoom out
/ 10 page
 5 / 10 page
background image
GT100LA120UX
"Low Side Chopper" IGBT SOT-227
(Trench IGBT), 100 A
Vishay Semiconductors
Document Number: 93099
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 22-Jul-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
5
Fig. 11 - Typical IGBT Energy Loss vs. Rg
TJ = 125 °C, IC = 100 A, L = 500 μH,
VCC = 600 V, VGE = 15 V
Fig. 12 - Typical IGBT Switching Time vs. Rg
TJ = 125 °C, L = 500 μH, VCC = 600 V,
IC = 100 A, VGE = 15 V
Fig. 13 - Typical trr Diode vs. dIF/dt
VR = 200 V, IF = 50 A
Fig. 14 - Typical Irr Diode vs. dIF/dt
VR = 200 V, IF = 50 A
Fig. 15 - Typical Qrr Diode vs. dIF/dt
VR = 200 V, IF = 50 A
Rg (Ω)
0
1020304050
0
40
20
30
25
35
15
10
E
on
E
off
Rg (Ω)
020
30
10
40
50
100
1000
t
d(on)
t
d(off)
t
f
t
r
dIF/dt (A/µs)
100
1000
70
250
110
150
190
210
230
90
130
170
T
J = 125 °C
T
J = 25 °C
dIF/dt (A/µs)
100
1000
0
40
10
20
30
35
5
15
25
T
J = 125 °C
T
J = 25 °C
dIF/dt (A/µs)
100
1000
400
2650
900
1400
1900
2400
2150
650
1150
1650
T
J = 125 °C
T
J = 25 °C


Html Pages

1  2  3  4  5  6  7  8  9  10 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn