์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

GT100LA120UX ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 7 Page - Vishay Siliconix

๋ถ€ํ’ˆ๋ช… GT100LA120UX
์ƒ์„ธ๋‚ด์šฉ  'Low Side Chopper' IGBT SOT-227 (Trench IGBT), 100 A
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  VISHAY [Vishay Siliconix]
ํ™ˆํŽ˜์ด์ง€  http://www.vishay.com
Logo 

GT100LA120UX ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 7 Page - Vishay Siliconix

 
Zoom Inzoom in Zoom Outzoom out
/ 10 page
 7 / 10 page
background image
GT100LA120UX
"Low Side Chopper" IGBT SOT-227
(Trench IGBT), 100 A
Vishay Semiconductors
Document Number: 93099
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 22-Jul-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
7
Fig. 18a - Clamped Inductive Load Test Circuit
Fig. 18b - Pulsed Collector Current Test Circuit
Fig. 19a - Switching Loss Test Circuit
Fig. 19b - Switching Loss Waveforms Test Circuit
* Driver same type as D.U.T.; V
C = 80 % of Vce(max)
* Note: Due to the 50 V power supply, pulse width and inductor
will increase to obtain Id
50 V
1000 V
D.U.T.
L
V
C *
2
1
R
g
V
CC
D.U.T.
R =
V
CC
ICM
+
-
L
Diode clamp/
D.U.T.
D.U.T./
driver
- 5 V
+
-
R
g
V
CC
+
-
t = 5 ยตs
t
d(on)
t
f
t
r
90 %
t
d(off)
10 %
90 %
10 %
5 %
V
C
I
C
E
on
E
off
E
ts = (Eon + Eoff)
1
2
3


Html Pages

1  2  3  4  5  6  7  8  9  10 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn