전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

GT100LA120UX 데이터시트(HTML) 4 Page - Vishay Siliconix

부품명 GT100LA120UX
상세내용  'Low Side Chopper' IGBT SOT-227 (Trench IGBT), 100 A
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo 

GT100LA120UX 데이터시트(HTML) 4 Page - Vishay Siliconix

 
Zoom Inzoom in Zoom Outzoom out
/ 10 page
 4 / 10 page
background image
GT100LA120UX
Vishay Semiconductors "Low Side Chopper" IGBT SOT-227
(Trench IGBT), 100 A
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 93099
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 22-Jul-10
Fig. 5 - Typical IGBT Threshold Voltage
Fig. 6 - Typical IGBT Collector to Emitter Voltage vs.
Junction Temperature, VGE = 15 V
Fig. 7 - Maximum DC Forward Current vs.
Case Temperature
Fig. 8 - Typical Diode Forward Characteristics
Fig. 9 - Typical IGBT Energy Loss vs. IC
TJ = 125 °C, L = 500 μH, VCC = 600 V,
Rg = 5 , VGE = 15 V
Fig. 10 - Typical IGBT Switching Time vs. IC
TJ = 125 °C, L = 500 μH, VCC = 600 V,
Rg = 5 , VGE = 15 V
IC (mA)
0.0002
0.0004
0.0006
0.0008
0.001
3.5
6.5
4.5
5.0
5.5
6.0
4.0
T
J = 125 °C
T
J = 25 °C
TJ (°C)
10
50
90
30
70
130
110
150
1.0
3.0
2.0
2.5
1.5
100 A
50 A
27 A
IF - Continuous Forward Current (A)
0
20406080
100
0
160
100
120
140
20
40
60
80
VFM (V)
01
3
24
5
6
7
0
300
50
150
200
250
100
T
J = 125 °C
T
J = 25 °C
IC (A)
10
20
30
50
60
70
80
90
40
100
0
25
15
20
10
5
E
on
E
off
IC (A)
020
100
60
80
40
120
10
1000
100
t
d(off)
t
d(on)
t
f
t
r


Html Pages

1  2  3  4  5  6  7  8  9  10 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn