์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

HFA08SD60S-M3 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - Vishay Siliconix

๋ถ€ํ’ˆ๋ช… HFA08SD60S-M3
์ƒ์„ธ๋‚ด์šฉ  HEXFRED Ultrafast Soft Recovery Diode, 8 A
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  VISHAY [Vishay Siliconix]
ํ™ˆํŽ˜์ด์ง€  http://www.vishay.com
Logo 

HFA08SD60S-M3 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
/ 8 page
 4 / 8 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 93474
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 31-Mar-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VS-HFA08SD60S-M3
Vishay Semiconductors
HEXFREDยฎ Ultrafast Soft Recovery Diode, 8 A
Fig. 5 - Typical Reverse Recovery Time vs. dIF/dt
Fig. 6 - Typical Recovery Current vs. dIF/dt
Fig. 7 - Typical Stored Charge vs. dIF/dt
Fig. 8 - Typical dI(rec)M/dt vs. dIF/dt
80
60
20
100
1000
dIF/dt (A/ยตs)
40
I
F = 16 A
I
F = 8 A
I
F = 4 A
V
R = 200 V
T
J = 125 ยฐC
T
J = 25 ยฐC
70
30
50
10
20
10
0
100
1000
I
F = 16 A
I
F = 8 A
I
F = 4 A
V
R = 200 V
T
J = 125 ยฐC
T
J = 25 ยฐC
5
15
dIF/dt (A/ยตs)
500
400
100
1000
dIF/dt (A/ยตs)
I
F = 16 A
I
F = 8 A
I
F = 4 A
V
R = 200 V
T
J = 125 ยฐC
T
J = 25 ยฐC
200
100
300
0
1000
100
100
1000
dIF/dt (A/ยตs)
V
R = 200 V
T
J = 125 ยฐC
T
J = 25 ยฐC
I
F = 16 A
I
F = 8 A
I
F = 4 A
10 000


Html Pages

1  2  3  4  5  6  7  8 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn