์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

TND523SS ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 7 Page - Sanyo Semicon Device

๋ถ€ํ’ˆ๋ช… TND523SS
์ƒ์„ธ๋‚ด์šฉ  Single-phase High Side Drive Application
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  SANYO [Sanyo Semicon Device]
ํ™ˆํŽ˜์ด์ง€  http://www.ssdc-jp.com/eng/
Logo 

TND523SS ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 7 Page - Sanyo Semicon Device

   
Zoom Inzoom in Zoom Outzoom out
/ 8 page
 7 / 8 page
background image
TND523SS
No.9005-7/8
PD -- Ta
Ambient Temperature, Ta --
ยฐC
IO(--) -- VHS
VHS -- V
IO(--) -- Tc
Case Temperature, Tc --
ยฐC
VDDUV(+) -- Tc
VDDUV(--) -- Tc
Case Temperature, Tc --
ยฐC
Case Temperature, Tc --
ยฐC
IO(+) -- VHS
VHS -- V
IO(+) -- Tc
Case Temperature, Tc --
ยฐC
dVS/dt -- Tc
Case Temperature, Tc --
ยฐC
IT16493
0
--40
40
--20
20
0
80
100
60
120
160
140
0.4
0.1
0.2
0.3
10
12
16
20
18
14
0
200
800
600
400
IT16489
0
200
400
600
800
IT16491
--50
0
25
75
125
50
100
--25
typ (V
HS=20V)
VHOUT=VHS
VHIN=0V
PW
โ‰ค10ฮผs
typ (V
HS=15V)
typ (V
HS10V)
10
12
16
20
18
14
0
100
400
300
200
IT16488
0
100
200
300
400
IT16490
--50
0
25
75
125
50
100
--25
typ (V
HS=20V)
VHOUT=0V
VHIN=VIN
PW
โ‰ค10ฮผs
typ (VHS=15V)
typ (VHS=10V)
6
7
8
9
10
11
IT116486
--50
0
25
75
125
50
100
--25
max
min
typ
6
7
8
9
10
11
--50
0
25
75
125
50
100
--25
IT16487
min
typ
max
VHOUT=0V
VHIN=VIN
PW
โ‰ค10ฮผs
min
typ
min
typ
VHOUT=VHS
VHIN=0V
PW
โ‰ค10ฮผs
1.0
0.1
7
5
100
10
7
5
3
2
3
2
7
5
3
2
IT16492
--50
0
25
75
125
50
100
--25
max


Html Pages

1  2  3  4  5  6  7  8 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn