์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

ICTE5 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - Vishay Siliconix

๋ถ€ํ’ˆ๋ช… ICTE5
์ƒ์„ธ๋‚ด์šฉ  TRANSZORB Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  VISHAY [Vishay Siliconix]
ํ™ˆํŽ˜์ด์ง€  http://www.vishay.com
Logo 

ICTE5 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
/ 5 page
 2 / 5 page
background image
ICTE5 thru ICTE18C, 1N6373 thru 1N6386
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Document Number: 88356
Revision: 07-May-10
2
Notes
(1) โ€œCโ€ suffix indicates bi-directional
(2) ICTE5 and 1N6373 are not available as bi-directional
(3) Clamping factor: 1.33 at full rated power; 1.20 at 50 % rated power; clamping factor: the ratio of the actual V
C (clamping voltage) to the VBR
(breakdown voltage) as measured on a specific device
Note
(1) Automotive grade
ELECTRICAL CHARACTERISTICS (JEDEC REGISTERED DATA) (TA = 25 ยฐC unless otherwise noted)
JEDEC
TYPE NUMBER
GENERAL
SEMICONDUCTOR
PART NUMBER
STAND-OFF
VOLTAGE
VWM (V)
MINIMUM
BREAKDOWN
VOLTAGE
AT 1.0 mA
VBR (V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (ฮผA)
MAXIMUM
CLAMPING
VOLTAGE
AT IPP = 1.0 A
VC (V)
MAXIMUM
CLAMPING
VOLTAGE AT
IPP = 10 A
VC (V)
MAXIMUM
PEAK
PULSE
CURRENT
IPP (A)
UNI-DIRECTIONAL TYPES
1N6373 (2)
ICTE5 (2)
5.0
6.0
300
7.1
7.5
160
1N6374
ICTE8
8.0
9.4
25.0
11.3
11.5
100
1N6375
ICTE10
10.0
11.7
2.0
13.7
14.1
90
1N6376
ICTE12
12.0
14.1
2.0
16.1
16.5
70
1N6377
ICTE15
15.0
17.6
2.0
20.1
20.6
60
1N6378
ICTE18
18.0
21.2
2.0
24.2
25.2
50
BI-DIRECTIONAL TYPES
1N6382
ICTE8C
8.0
9.4
50.0
11.4
11.6
100
1N6383
ICTE10C
10.0
11.7
2.0
14.1
14.5
90
1N6384
ICTE12C
12.0
14.1
2.0
16.7
17.1
70
1N6385
ICTE15C
15.0
17.6
2.0
20.8
21.4
60
1N6386
ICTE18C
18.0
21.2
2.0
24.8
25.5
50
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
ICTE5-E3/54
0.968
54
1400
13" diameter paper tape and reel
ICTE5HE3/54 (1)
0.968
54
1400
13" diameter paper tape and reel


Html Pages

1  2  3  4  5 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn