์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

ICTE5 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - Vishay Siliconix

๋ถ€ํ’ˆ๋ช… ICTE5
์ƒ์„ธ๋‚ด์šฉ  TRANSZORB Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  VISHAY [Vishay Siliconix]
ํ™ˆํŽ˜์ด์ง€  http://www.vishay.com
Logo 

ICTE5 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
/ 5 page
 4 / 5 page
background image
ICTE5 thru ICTE18C, 1N6373 thru 1N6386
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Document Number: 88356
Revision: 07-May-10
4
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 7. Typical Characteristics Clamping Voltage
VC - Clamping Voltage (V)
10
50
1
10
8
612
14
16
18
20
22
24
26
28
Uni-Directional Only
T
A = 25 ยฐC
Figure 8. Power Derating Curve
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
0
25
50
75
100
125
150
175
200
TL - Lead Temperature (ยฐC)
L = 0.375" (9.5 mm)
Lead Lengths
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
0.375 (9.5)
0.285 (7.2)
0.210 (5.3)
0.190 (4.8)
DIA.
0.042 (1.07)
0.038 (0.96)
DIA.
Case Style 1.5KE


Html Pages

1  2  3  4  5 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn