전자부품 데이터시트 검색엔진 |
|
IRFP064 데이터시트(PDF) 8 Page - Vishay Siliconix |
|
IRFP064 데이터시트(HTML) 8 Page - Vishay Siliconix |
8 / 9 page Document Number: 91360 www.vishay.com Revision: 15-Sep-08 1 Package Information Vishay Siliconix TO-247AC (HIGH VOLTAGE) Notes 1. Dimensioning and tolerancing per ASME Y14.5M-1994. 2. Contour of slot optional. 3. Dimension D and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured at the outermost extremes of the plastic body. 4. Thermal pad contour optional with dimensions D1 and E1. 5. Lead finish uncontrolled in L1. 6. Ø P to have a maximum draft angle of 1.5 to the top of the part with a maximum hole diameter of 3.91 mm (0.154"). 7. Outline conforms to JEDEC outline TO-247 with exception of dimension c. 0.10 A C MM E E/2 (2) (4) R/2 B 2 x R S D See view B 2 x e b4 3 x b 2 x b2 L C L1 1 2 3 Q D A A2 A A A1 C Ø k B D MM A ØP (Datum B) ØP1 D1 4 E1 0.01 B D MM View A - A Thermal pad D2 DD E E C C View B (b1, b3, b5) Base metal c1 (b, b2, b4) Section C - C, D - D, E - E (c) Planting 4 3 5 7 5 5 MILLIMETERS INCHES MILLIMETERS INCHES DIM. MIN. MAX. MIN. MAX. DIM. MIN. MAX. MIN. MAX. A 4.65 5.31 0.183 0.209 D2 0.51 1.30 0.020 0.051 A1 2.21 2.59 0.087 0.102 E 15.29 15.87 0.602 0.625 A2 1.50 2.49 0.059 0.098 E1 13.72 - 0.540 - b 0.99 1.40 0.039 0.055 e 5.46 BSC 0.215 BSC b1 0.99 1.35 0.039 0.053 Ø k 0.254 0.010 b2 1.65 2.39 0.065 0.094 L 14.20 16.10 0.559 0.634 b3 1.65 2.37 0.065 0.093 L1 3.71 4.29 0.146 0.169 b4 2.59 3.43 0.102 0.135 N 7.62 BSC 0.300 BSC b5 2.59 3.38 0.102 0.133 Ø P 3.56 3.66 0.140 0.144 c 0.38 0.86 0.015 0.034 Ø P1 - 7.39 - 0.291 c1 0.38 0.76 0.015 0.030 Q 5.31 5.69 0.209 0.224 D 19.71 20.70 0.776 0.815 R 4.52 5.49 0.178 0.216 D1 13.08 - 0.515 - S 5.51 BSC 0.217 BSC ECN: S-81920-Rev. A, 15-Sep-08 DWG: 5971 |
유사한 부품 번호 - IRFP064 |
|
유사한 설명 - IRFP064 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |