전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLL014TRPBF 데이터시트(PDF) 5 Page - Vishay Siliconix

부품명 IRLL014TRPBF
상세설명  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRLL014TRPBF 데이터시트(HTML) 5 Page - Vishay Siliconix

  IRLL014TRPBF Datasheet HTML 1Page - Vishay Siliconix IRLL014TRPBF Datasheet HTML 2Page - Vishay Siliconix IRLL014TRPBF Datasheet HTML 3Page - Vishay Siliconix IRLL014TRPBF Datasheet HTML 4Page - Vishay Siliconix IRLL014TRPBF Datasheet HTML 5Page - Vishay Siliconix IRLL014TRPBF Datasheet HTML 6Page - Vishay Siliconix IRLL014TRPBF Datasheet HTML 7Page - Vishay Siliconix IRLL014TRPBF Datasheet HTML 8Page - Vishay Siliconix IRLL014TRPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 91319
www.vishay.com
S10-1257-Rev. C, 31-May-10
5
IRLL014, SiHLL014
Vishay Siliconix
Fig. 9 - Maximum Drain Current vs. Case Temperature
Fig. 10a - Switching Time Test Circuit
Fig. 10b - Switching Time Waveforms
Fig. 11 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
TC, Case Temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
25
150
125
100
75
50
3.0
Pulse width
≤ 1 µs
Duty factor
≤ 0.1 %
R
D
V
GS
R
g
D.U.T.
10 V
+
-
V
DS
V
DD
V
DS
90 %
10 %
V
GS
t
d(on)
t
r
t
d(off)
t
f
102
10
1
10-1
10-5
10-4
10-3
10-2
0.1
1
103
P
DM
t
1
t
2
t1, Rectangular Pulse Duration (s)
Notes:
1. Duty Factor, D = t
1/t2
2. Peak T
j = PDM x ZthJC + TC
Single Pulse
(Thermal Response)
D = 0.50
0.20
0.05
0.02
0.01
0.10
10-2
102
101


유사한 부품 번호 - IRLL014TRPBF

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
IRLL014TRPBF VBSEMI-IRLL014TRPBF Datasheet
1Mb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
IRLL014TRPBF-BE3AB VISHAY-IRLL014TRPBF-BE3AB Datasheet
170Kb / 8P
   Power MOSFET
01-Jan-2022
IRLL014TRPBFA VISHAY-IRLL014TRPBFA Datasheet
959Kb / 8P
   Power MOSFET
Rev. A, 07-Jul-08
IRLL014TRPBFA VISHAY-IRLL014TRPBFA Datasheet
170Kb / 8P
   Power MOSFET
01-Jan-2022
More results

유사한 설명 - IRLL014TRPBF

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com