전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MJE701 데이터시트(PDF) 1 Page - Inchange Semiconductor Company Limited

부품명 MJE701
상세설명  isc Silicon PNP Darlington Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJE701 데이터시트(HTML) 1 Page - Inchange Semiconductor Company Limited

  MJE701 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJE701 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
MJE701
DESCRIPTION
·Collector–Emitter Breakdown Voltage—
: V(BR)CEO =-60 V
·DC Current Gain—
: hFE = 750(Min) @ IC=-2 A
·Complement to Type MJE801
APPLICATIONS
·Designed for general-purpose amplifier and low-speed
switching applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-60
V
VCEO
Collector-Emitter Voltage
-60
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-4
A
IB
B
Base Current
-0.1
A
PC
Collector Power Dissipation
TC=25℃
40
W
Ti
Junction Temperature
150
Tstg
Storage Temperature Range
-55~150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
3.13
℃/W
isc Website:www.iscsemi.cn


유사한 부품 번호 - MJE701

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
MJE701 SAMSUNG-MJE701 Datasheet
252Kb / 6P
   NPN (HIGH DC CURRENT GAIN)
logo
Fairchild Semiconductor
MJE701 FAIRCHILD-MJE701 Datasheet
51Kb / 4P
   Monolithic Construction With Built-in Base- Emitter Resistors
logo
Central Semiconductor C...
MJE701 CENTRAL-MJE701 Datasheet
346Kb / 2P
   COMPLEMENTARY POWER DARLINGTON TRANSISTORS
logo
Mospec Semiconductor
MJE701T MOSPEC-MJE701T Datasheet
194Kb / 4P
   POWER TRANSISTORS(4.0A,60-80V,40W)
logo
Inchange Semiconductor ...
MJE701T ISC-MJE701T Datasheet
250Kb / 2P
   isc Silicon PNP Darlington Power Transistor
More results

유사한 설명 - MJE701

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
2N6041 ISC-2N6041 Datasheet
151Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1100 ISC-2SB1100 Datasheet
154Kb / 2P
   isc Silicon PNP Darlington Power Transistor
BDX6A ISC-BDX6A Datasheet
190Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SA1046 ISC-2SA1046 Datasheet
252Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB786 ISC-2SB786 Datasheet
252Kb / 2P
   isc Silicon PNP Darlington Power Transistor
MJH11017 ISC-MJH11017 Datasheet
136Kb / 2P
   isc Silicon PNP Darlington Power Transistor
BD646F ISC-BD646F Datasheet
279Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1253 ISC-2SB1253_16 Datasheet
189Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1431 ISC-2SB1431 Datasheet
263Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1079 ISC-2SB1079 Datasheet
103Kb / 2P
   isc Silicon PNP Darlington Power Transistor
MJ11015 ISC-MJ11015 Datasheet
53Kb / 2P
   isc Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com