전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BAT17- 데이터시트(HTML) 1 Page - Siemens Semiconductor Group

부품명 BAT17-
상세내용  Silicon Schottky Diode (For mixer applications in the VHF/UHF range For high-speed switching)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo 

BAT17- 데이터시트(HTML) 1 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
/ 4 page
 1 / 4 page
background image
Semiconductor Group
1
03.96
Type
Ordering Code
Pin Configuration Marking
Package
(tape and reel)
1
2
3
BAT 17
BAT 17-04
BAT 17-05
BAT 17-06
Q62702-A504
Q62702-A775
Q62702-A776
Q62702-A777
A
A
A
C
C
A
C
C
C/A
C/C
A/A
53
54
55
56
SOT-23
Maximum Ratings
Parameter
Symbol
Values
Unit
Reverse voltage
V
R
4V
Forward current
I
F
130
mA
Total power dissipation
T
S ≤ 60 °C
P
tot
150
mW
Junction temperature
T
j
150
°C
Operating temperature range
T
op
–55…+150
°C
Storage temperature range
T
stg
– 55 … + 150
°C
Thermal Resistance
Junction-ambient1)
R
th JA
≤ 750
K/W
Junction-soldering point
R
th JS
≤ 590
K/W
1) Package mounted on an epoxy pcb 40 mm x 40 mm x 1.5 mm/1cm2 Cu.
Silicon Schottky Diode
BAT 17…
q
For mixer applications in the VHF/UHF range
q
For high-speed switching


Html Pages

1  2  3  4 


데이터시트 Download



관련 부품명

부품명상세내용Html View제조사
BAT17-07Silicon Schottky Diode For mixer applications in the VHF/UHF range For high-speed switching 1 2 3 4 Siemens Semiconductor Group
BAT17WSilicon Schottky Diodes For mixer applications in the VHF / UHF range For high-speed switching applications 1 2 3 Siemens Semiconductor Group
BAT68-03WSilicon Schottky Diode For mixer applications in the VHF/UHF range For high speed switching 1 2 3 4 5 Siemens Semiconductor Group
BAT68-07WSilicon Schottky Diodes For mixer applications in the VHF / UHF range For high-speed switching applications 1 2 3 4 5 Siemens Semiconductor Group
BAT68WSilicon Schottky Diodes For mixer applications in the VHF/UHF range For high speed switching 1 2 3 4 Siemens Semiconductor Group
BAS28WSilicon Switching Diode Array For high-speed switching applications Electrical insulated diodes 1 2 3 4 Siemens Semiconductor Group
BAS170WSilicon Schottky Diode General-purpose diodes for high-speed switching Circuit protection Voltage clamping 1 2 3 4 Siemens Semiconductor Group
BAT14HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications 1 2 3 4 5 MoreSiemens Semiconductor Group
BAS40-07WSilicon Schottky Diode Preliminary data General-purpose diode for high-speed switching Circuit protection Voltage clamping 1 2 3 4 Siemens Semiconductor Group
BAS40HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching Circuit protection 1 2 3 4 Siemens Semiconductor Group

링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn