전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1029X 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 SI1029X
상세설명  Complementary N- and P-Channel 60 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1029X 데이터시트(HTML) 4 Page - Vishay Siliconix

  SI1029X Datasheet HTML 1Page - Vishay Siliconix SI1029X Datasheet HTML 2Page - Vishay Siliconix SI1029X Datasheet HTML 3Page - Vishay Siliconix SI1029X Datasheet HTML 4Page - Vishay Siliconix SI1029X Datasheet HTML 5Page - Vishay Siliconix SI1029X Datasheet HTML 6Page - Vishay Siliconix SI1029X Datasheet HTML 7Page - Vishay Siliconix SI1029X Datasheet HTML 8Page - Vishay Siliconix SI1029X Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number: 71435
S10-2432-Rev. C, 25-Oct-10
Vishay Siliconix
Si1029X
N-CHANNEL TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Source-Drain Diode Forward Voltage
1.2
1.5
1
100
1000
0.00
0.3
0.6
0.9
TJ = 25 °C
TJ = 125 °C
VSD -Source-to-Drain Voltage (V)
10
TJ = - 55 °C
VGS = 0 V
On-Resistance vs. Gate-to-Source Voltage
0
1
2
3
4
5
0246
8
10
VGS - Gate-to-Source Voltage (V)
ID = 500 mA
ID = 200 mA
Threshold Voltage Variance Over Temperature
-0.8
- 0.6
- 0.4
- 0.2
0.0
0.2
0.4
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ -Junction Temperature (°C)


유사한 부품 번호 - SI1029X

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1029X VISHAY-SI1029X Datasheet
131Kb / 8P
   Complementary N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1029X VISHAY-SI1029X Datasheet
130Kb / 8P
   Complementary N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 24-Mar-08
logo
Vishay Telefunken
SI1029X TFUNK-SI1029X Datasheet
161Kb / 10P
   Complementary N- and P-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SI1029X VISHAY-SI1029X Datasheet
164Kb / 10P
   Complementary N- and P-Channel 60 V (D-S) MOSFET
01-Jan-2022
logo
TECH PUBLIC Electronics...
SI1029X TECHPUBLIC-SI1029X Datasheet
1Mb / 4P
   N- and P-Channel 60 V (D-S) MOSFET
More results

유사한 설명 - SI1029X

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1029X-T1 VISHAY-SI1029X-T1 Datasheet
113Kb / 8P
   Complementary N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1029X VISHAY-SI1029X Datasheet
131Kb / 8P
   Complementary N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 24-Mar-08
logo
Vishay Telefunken
SI1029X TFUNK-SI1029X Datasheet
161Kb / 10P
   Complementary N- and P-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SI1029X VISHAY-SI1029X_08 Datasheet
130Kb / 8P
   Complementary N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1029X VISHAY-SI1029X_V01 Datasheet
164Kb / 10P
   Complementary N- and P-Channel 60 V (D-S) MOSFET
01-Jan-2022
SI4559ADY VISHAY-SI4559ADY_09 Datasheet
275Kb / 15P
   N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 09-Mar-09
logo
VBsemi Electronics Co.,...
IRF7343TRPBF VBSEMI-IRF7343TRPBF Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
UTM4052L-S08-R VBSEMI-UTM4052L-S08-R Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
P3304QV VBSEMI-P3304QV Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
ZXMC6A09DN8TA VBSEMI-ZXMC6A09DN8TA Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com