전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1034CX 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI1034CX
상세설명  Dual N-Channel 20 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1034CX 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI1034CX Datasheet HTML 1Page - Vishay Siliconix SI1034CX Datasheet HTML 2Page - Vishay Siliconix SI1034CX Datasheet HTML 3Page - Vishay Siliconix SI1034CX Datasheet HTML 4Page - Vishay Siliconix SI1034CX Datasheet HTML 5Page - Vishay Siliconix SI1034CX Datasheet HTML 6Page - Vishay Siliconix SI1034CX Datasheet HTML 7Page - Vishay Siliconix SI1034CX Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number: 67468
S11-0241-Rev. A, 14-Feb-11
Vishay Siliconix
Si1034CX
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
20
V
VDS Temperature Coefficient
V
DS/TJ
ID = 250 µA
17
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
- 1.8
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.4
1.0
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 30
µA
VDS = 0 V, VGS = ± 4.5 V
± 1
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
1
VDS = 20 V, VGS = 0 V, TJ = 85 °C
10
On-State Drain Currenta
ID(on)
VDS =  5 V, VGS = 4.5 V
2
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V, ID = 0.5 A
0.330
0.396
VGS = 2.5 V, ID = 0.2 A
0.380
0.456
VGS = 1.8 V, ID = 0.2 A
0.420
0.546
VGS = 1.5 V, ID = 0.05 A
0.505
0.760
Forward Transconductance
gfs
VDS = 10 V, ID = 0.5 A
7.5
S
Dynamicb
Input Capacitance
Ciss
VDS = 10 V, VGS = 0 V, f = 1 MHz
43
pF
Output Capacitance
Coss
14
Reverse Transfer Capacitance
Crss
8
Total Gate Charge
Qg
VDS = 10 V, VGS = 8 V, ID = 0.6 A
1.3
2
nC
VDS = 10 V, VGS = 4.5 V, ID = 0.6 A
0.75
1.2
Gate-Source Charge
Qgs
0.15
Gate-Drain Charge
Qgd
0.13
Gate Resistance
Rg
f = 1 MHz
2.4
12.2
24.4
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 20 
ID  0.5 A, VGEN = 4.5 V, Rg = 1 
11
20
ns
Rise Time
tr
16
24
Turn-Off Delay Time
td(off)
26
39
Fall Time
tf
11
20
Drain-Source Body Diode Characteristics
Pulse Diode Forward Currenta
ISM
2A
Body Diode Voltage
VSD
IS = 0.5 A
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 0.5 A, dI/dt = 100 A/µs
10
15
nC
Body Diode Reverse Recovery Charge
Qrr
24
ns
Reverse Recovery Fall Time
ta
5
Reverse Recovery Rise Time
tb
5


유사한 부품 번호 - SI1034CX

제조업체부품명데이터시트상세설명
logo
Vishay Telefunken
SI1034CX TFUNK-SI1034CX Datasheet
159Kb / 8P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1034CX VISHAY-SI1034CX Datasheet
162Kb / 8P
   Dual N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1034CX VISHAY-SI1034CX_V01 Datasheet
162Kb / 8P
   Dual N-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI1034CX

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1912EDH VISHAY-SI1912EDH Datasheet
42Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. A, 05-Mar-01
SI1902DL VISHAY-SI1902DL Datasheet
43Kb / 4P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. E, 12-Aug-02
SI5908DC VISHAY-SI5908DC_10 Datasheet
236Kb / 10P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SI9926CDY VISHAY-SI9926CDY Datasheet
255Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 27-Apr-09
logo
DinTek Semiconductor Co...
DTM9936 DINTEK-DTM9936 Datasheet
307Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET
DTS2212 DINTEK-DTS2212 Datasheet
306Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1902CDL VISHAY-SI1902CDL Datasheet
236Kb / 11P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI7904BDN VISHAY-SI7904BDN Datasheet
559Kb / 13P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI1024X VISHAY-SI1024X_08 Datasheet
113Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. C, 24-Mar-08
logo
Guangdong Kexin Industr...
KI5908DC KEXIN-KI5908DC Datasheet
66Kb / 2P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI7904DN VISHAY-SI7904DN Datasheet
88Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. G, 07-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com