전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1035X 데이터시트(PDF) 9 Page - Vishay Siliconix

부품명 SI1035X
상세설명  Complementary N- and P-Channel 20 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1035X 데이터시트(HTML) 9 Page - Vishay Siliconix

Back Button SI1035X_10 Datasheet HTML 2Page - Vishay Siliconix SI1035X_10 Datasheet HTML 3Page - Vishay Siliconix SI1035X_10 Datasheet HTML 4Page - Vishay Siliconix SI1035X_10 Datasheet HTML 5Page - Vishay Siliconix SI1035X_10 Datasheet HTML 6Page - Vishay Siliconix SI1035X_10 Datasheet HTML 7Page - Vishay Siliconix SI1035X_10 Datasheet HTML 8Page - Vishay Siliconix SI1035X_10 Datasheet HTML 9Page - Vishay Siliconix SI1035X_10 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Application Note 826
Vishay Siliconix
Document Number: 72605
www.vishay.com
Revision: 21-Jan-08
21
RECOMMENDED MINIMUM PADS FOR SC-89: 6-Lead
0.051
(1.300)
0.012
(0.300)
0.051
(0.201)
0.020
(0.500)
Recommended Minimum Pads
Dimensions in Inches/(mm)
Return to Index
Return to Index


유사한 부품 번호 - SI1035X_10

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1035X-T1-E3 VISHAY-SI1035X-T1-E3 Datasheet
127Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1035X-T1-GE3 VISHAY-SI1035X-T1-GE3 Datasheet
127Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1035X VISHAY-SI1035X_08 Datasheet
127Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1035X VISHAY-SI1035X_V01 Datasheet
160Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI1035X_10

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1016CX VISHAY-SI1016CX Datasheet
200Kb / 12P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI1035X VISHAY-SI1035X_V01 Datasheet
160Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1016X VISHAY-SI1016X Datasheet
53Kb / 7P
   Complementary N and P-Channel 20-V (D-S) MOSFET
Rev. A, 08-Feb-01
SI1016CX VISHAY-SI1016CX_V01 Datasheet
240Kb / 12P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1016X VISHAY-SI1016X_V01 Datasheet
159Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1016X VISHAY-SI1016X_08 Datasheet
107Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
S-80427-Rev. D, 03-Mar-08
SI1035X VISHAY-SI1035X_08 Datasheet
127Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1035X VISHAY-SI1035X Datasheet
53Kb / 7P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 12-Mar-01
logo
Vishay Telefunken
SI1016CX TFUNK-SI1016CX Datasheet
237Kb / 12P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1016X-T1 VISHAY-SI1016X-T1 Datasheet
216Kb / 17P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 03-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com