전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1035X 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 SI1035X
상세설명  Complementary N- and P-Channel 20 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1035X 데이터시트(HTML) 6 Page - Vishay Siliconix

Back Button SI1035X Datasheet HTML 2Page - Vishay Siliconix SI1035X Datasheet HTML 3Page - Vishay Siliconix SI1035X Datasheet HTML 4Page - Vishay Siliconix SI1035X Datasheet HTML 5Page - Vishay Siliconix SI1035X Datasheet HTML 6Page - Vishay Siliconix SI1035X Datasheet HTML 7Page - Vishay Siliconix SI1035X Datasheet HTML 8Page - Vishay Siliconix SI1035X Datasheet HTML 9Page - Vishay Siliconix SI1035X Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.vishay.com
6
Document Number: 71426
S10-2544-Rev. C, 08-Nov-10
Vishay Siliconix
Si1035X
P-CHANNEL TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Source-Drain Diode Forward Voltage
Threshold Voltage Variance vs. Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1000
1
VSD -)
V
(
e
g
a
t
l
o
V
n
i
a
r
D
-
o
t
-
e
c
r
u
o
S
TJ = 125 °C
TJ = 25 °C
TJ = - 55 °C
10
100
- 0.3
- 0.2
- 0.1
0.0
0.1
0.2
0.3
- 50
- 25
0
25
50
75
100
125
ID = 0.25 mA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
IGSS vs. Temperature
0
10
20
30
40
50
0123456
ID = 150 mA
VGS - Gate-to-Source Voltage (V)
ID = 125 mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
- 50
- 25
0
25
50
75
100
125
TJ - Temperature (°C)
VGS = 2.8 V
BVGSS vs. Temperature
-7
-6
-5
-4
-3
-2
-1
0
- 50
- 25
0
25
50
75
100
125
TJ -Temperature (°C)


유사한 부품 번호 - SI1035X

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1035X VISHAY-SI1035X Datasheet
53Kb / 7P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 12-Mar-01
SI1035X VISHAY-SI1035X Datasheet
127Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1035X VISHAY-SI1035X Datasheet
160Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1035X-T1-E3 VISHAY-SI1035X-T1-E3 Datasheet
127Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1035X-T1-GE3 VISHAY-SI1035X-T1-GE3 Datasheet
127Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
More results

유사한 설명 - SI1035X

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1016CX VISHAY-SI1016CX Datasheet
200Kb / 12P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI1035X VISHAY-SI1035X_V01 Datasheet
160Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1016X VISHAY-SI1016X Datasheet
53Kb / 7P
   Complementary N and P-Channel 20-V (D-S) MOSFET
Rev. A, 08-Feb-01
SI1016CX VISHAY-SI1016CX_V01 Datasheet
240Kb / 12P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1016X VISHAY-SI1016X_V01 Datasheet
159Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1016X VISHAY-SI1016X_08 Datasheet
107Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
S-80427-Rev. D, 03-Mar-08
SI1035X VISHAY-SI1035X_08 Datasheet
127Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1035X VISHAY-SI1035X Datasheet
53Kb / 7P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 12-Mar-01
logo
Vishay Telefunken
SI1016CX TFUNK-SI1016CX Datasheet
237Kb / 12P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1016X-T1 VISHAY-SI1016X-T1 Datasheet
216Kb / 17P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 03-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com