전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1302DL 데이터시트(PDF) 5 Page - Vishay Siliconix

부품명 SI1302DL
상세설명  N-Channel 30-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1302DL 데이터시트(HTML) 5 Page - Vishay Siliconix

  SI1302DL_10 Datasheet HTML 1Page - Vishay Siliconix SI1302DL_10 Datasheet HTML 2Page - Vishay Siliconix SI1302DL_10 Datasheet HTML 3Page - Vishay Siliconix SI1302DL_10 Datasheet HTML 4Page - Vishay Siliconix SI1302DL_10 Datasheet HTML 5Page - Vishay Siliconix SI1302DL_10 Datasheet HTML 6Page - Vishay Siliconix SI1302DL_10 Datasheet HTML 7Page - Vishay Siliconix SI1302DL_10 Datasheet HTML 8Page - Vishay Siliconix SI1302DL_10 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
L
b
c
E
E1
e
D
e1
A2
A
A1
12
0.08
c
3
Package Information
Vishay Siliconix
Document Number: 71153
06-Jul-01
www.vishay.com
1
SC70: 3LEADS
MILLIMETERS
INCHES
Dim
Min
Nom
Max
Min
Nom
Max
A
0.90
1.10
0.035
0.043
A1
0.10
0.004
A2
0.80
1.00
0.031
0.039
b
0.25
0.40
0.010
0.016
c
0.10
0.25
0.004
0.010
D
1.80
2.00
2.20
0.071
0.079
0.087
E
1.80
2.10
2.40
0.071
0.083
0.094
E1
1.15
1.25
1.35
0.045
0.049
0.053
e
0.65BSC
0.026BSC
e1
1.20
1.30
1.40
0.047
0.051
0.055
L
0.10
0.20
0.30
0.004
0.008
0.012
7
_Nom
7
_Nom
ECN: S-03946—Rev. C, 09-Jul-01
DWG: 5549


유사한 부품 번호 - SI1302DL_10

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1302DL-T1 VISHAY-SI1302DL-T1 Datasheet
218Kb / 9P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 20-Sep-10
SI1302DL-T1-E3 VISHAY-SI1302DL-T1-E3 Datasheet
218Kb / 9P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 20-Sep-10
SI1302DL VISHAY-SI1302DL_08 Datasheet
68Kb / 5P
   N-Channel 30-V (D-S) MOSFET
S-02367-Rev. C, 23-Oct-00
SI1302DL VISHAY-SI1302DL_V01 Datasheet
220Kb / 9P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI1302DL_10

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com