전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1410EDH 데이터시트(PDF) 10 Page - Vishay Siliconix

부품명 SI1410EDH
상세설명  N-Channel 20 V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1410EDH 데이터시트(HTML) 10 Page - Vishay Siliconix

Back Button SI1410EDH Datasheet HTML 3Page - Vishay Siliconix SI1410EDH Datasheet HTML 4Page - Vishay Siliconix SI1410EDH Datasheet HTML 5Page - Vishay Siliconix SI1410EDH Datasheet HTML 6Page - Vishay Siliconix SI1410EDH Datasheet HTML 7Page - Vishay Siliconix SI1410EDH Datasheet HTML 8Page - Vishay Siliconix SI1410EDH Datasheet HTML 9Page - Vishay Siliconix SI1410EDH Datasheet HTML 10Page - Vishay Siliconix SI1410EDH Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Application Note 826
Vishay Siliconix
www.vishay.com
Document Number: 72602
18
Revision: 21-Jan-08
RECOMMENDED MINIMUM PADS FOR SC-70: 6-Lead
Recommended Minimum Pads
Dimensions in Inches/(mm)
0.067
(1.702)
0.016
(0.406)
0.026
(0.648)
0.010
(0.241)
Return to Index
Return to Index


유사한 부품 번호 - SI1410EDH

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
SI1410EDH VISHAY-SI1410EDH Datasheet
70Kb / 6P
   N-Channel 20-V (D-S) MOSFET
S-03185-Rev. A, 05-Mar-01
SI1410EDH VISHAY-SI1410EDH_08 Datasheet
70Kb / 6P
   N-Channel 20-V (D-S) MOSFET
S-03185-Rev. A, 05-Mar-01
More results

유사한 설명 - SI1410EDH

제조업체부품명데이터시트상세설명
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com