전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1424EDH 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SI1424EDH
상세설명  N-Channel 20 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1424EDH 데이터시트(HTML) 3 Page - Vishay Siliconix

  SI1424EDH Datasheet HTML 1Page - Vishay Siliconix SI1424EDH Datasheet HTML 2Page - Vishay Siliconix SI1424EDH Datasheet HTML 3Page - Vishay Siliconix SI1424EDH Datasheet HTML 4Page - Vishay Siliconix SI1424EDH Datasheet HTML 5Page - Vishay Siliconix SI1424EDH Datasheet HTML 6Page - Vishay Siliconix SI1424EDH Datasheet HTML 7Page - Vishay Siliconix SI1424EDH Datasheet HTML 8Page - Vishay Siliconix SI1424EDH Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 67198
S11-0654-Rev. B, 11-Apr-11
www.vishay.com
3
Vishay Siliconix
Si1424EDH
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Gate Current vs. Gate-to-Source Voltage
Output Characteristics
On-Resistance vs. Drain Current
0
20
40
60
80
0
3
6
9
12
15
TJ = 25 °C
VGS -Gate-to-Source Voltage (V)
0
2
4
6
8
10
12
14
16
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS =5Vthru2V
VGS =1V
VGS =1.5 V
V
DS - Drain-to-Source Voltage (V)
VGS =4.5 V
VGS =2.5 V
0.00
0.02
0.04
0.06
0.08
0
4
8
12
16
VGS =1.5 V
VGS =1.8 V
I
D - Drain Current (A)
Gate Current vs. Gate-to-Source Voltage
Transfer Characteristics
Gate Charge
VGS - Gate-to-Source Voltage (V)
10-10
10-9
10-8
10-7
10-6
10-5
10-4
10-3
10-2
10-1
0
3
6
9
12
15
TJ = 25 °C
TJ = 150 °C
0
2
4
6
8
10
0.0
0.3
0.6
0.9
1.2
1.5
TC = 125 °C
TC =25 °C
TC = - 55 °C
V
GS - Gate-to-Source Voltage (V)
0
2
4
6
8
0246
8
10
12
VDS =16 V
VDS =7.5 V
ID =7.1 A
VDS =10 V
Qg - Total Gate Charge (nC)


유사한 부품 번호 - SI1424EDH

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1424EDH VISHAY-SI1424EDH Datasheet
284Kb / 12P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1424EDH-T1-GE3 VISHAY-SI1424EDH-T1-GE3 Datasheet
284Kb / 12P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1424EDH VISHAY-SI1424EDH_V01 Datasheet
284Kb / 12P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI1424EDH

제조업체부품명데이터시트상세설명
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com