전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1441EDH 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SI1441EDH
상세설명  P-Channel 20 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1441EDH 데이터시트(HTML) 3 Page - Vishay Siliconix

  SI1441EDH Datasheet HTML 1Page - Vishay Siliconix SI1441EDH Datasheet HTML 2Page - Vishay Siliconix SI1441EDH Datasheet HTML 3Page - Vishay Siliconix SI1441EDH Datasheet HTML 4Page - Vishay Siliconix SI1441EDH Datasheet HTML 5Page - Vishay Siliconix SI1441EDH Datasheet HTML 6Page - Vishay Siliconix SI1441EDH Datasheet HTML 7Page - Vishay Siliconix SI1441EDH Datasheet HTML 8Page - Vishay Siliconix SI1441EDH Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 66823
S10-1827-Rev. A, 09-Aug-10
www.vishay.com
3
Vishay Siliconix
Si1441EDH
New Product
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Gate Current vs. Gate-Source Voltage
Output Characteristics
On-Resistance vs. Drain Current
0369
12
15
V
GS - Gate-Source Voltage (V)
0
0.02
0.04
0.06
0.08
0.1
0
5
10
15
20
25
00.5
1.0
1.5
2.0
2.5
VGS =5Vthru3V
VGS =2.5 V
VGS =1.5 V
VGS =2V
V
DS - Drain-to-Source Voltage (V)
0
0.02
0.04
0.06
0.08
0.10
0
5
10
15
20
25
VGS =2.5 V
VGS =1.8 V
VGS =4.5 V
I
D - Drain Current (A)
Gate Current vs. Gate-Source Voltage
Transfer Characteristics
Gate Charge
0369
12
15
V
GS - Gate-Source Voltage (V)
10
-10
10-9
10-8
10-6
10-4
10-7
10-5
T
J = 25 °C
T
J = 150 °C
0
1
2
3
4
5
0
0.5
1.0
1.5
2.0
TC = - 55 °C
TC = 125 °C
TC = 25 °C
V
GS - Gate-to-Source Voltage (V)
0
2
4
6
8
0
5
10
15
20
25
ID =5A
VDS =5V
VDS =10V
VDS =16V
Q
g - Total Gate Charge (nC)


유사한 부품 번호 - SI1441EDH

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1441EDH VISHAY-SI1441EDH Datasheet
271Kb / 12P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI1441EDH-T1-GE3 VBSEMI-SI1441EDH-T1-GE3 Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1441EDH-T1-GE3 VISHAY-SI1441EDH-T1-GE3 Datasheet
271Kb / 12P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1441EDH VISHAY-SI1441EDH_V01 Datasheet
271Kb / 12P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI1441EDH

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com