전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1555DL 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 SI1555DL
상세설명  Complementary Low-Threshold MOSFET Pair
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1555DL 데이터시트(HTML) 4 Page - Vishay Siliconix

  SI1555DL_10 Datasheet HTML 1Page - Vishay Siliconix SI1555DL_10 Datasheet HTML 2Page - Vishay Siliconix SI1555DL_10 Datasheet HTML 3Page - Vishay Siliconix SI1555DL_10 Datasheet HTML 4Page - Vishay Siliconix SI1555DL_10 Datasheet HTML 5Page - Vishay Siliconix SI1555DL_10 Datasheet HTML 6Page - Vishay Siliconix SI1555DL_10 Datasheet HTML 7Page - Vishay Siliconix SI1555DL_10 Datasheet HTML 8Page - Vishay Siliconix SI1555DL_10 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.vishay.com
4
Document Number: 71079
S10-1054-Rev. E, 03-May-10
Vishay Siliconix
Si1555DL
N-CHANNEL TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1
0.1
TJ = 25 °C
VSD - Source-to-Drain Voltage (V)
TJ = 150 °C
- 0.4
- 0.3
- 0.2
- 0.1
0.0
0.1
0.2
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Junction Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
0.0
0.2
0.4
0.6
0.8
1.0
01
2
3
45
ID = 0.66 A
VGS - Gate-to-Source Voltage (V)
0
3
5
1
2
4
1100
600
10
10-3
10-2
10-1
Time (s)
Normalized Thermal Transient Impedance, Junction-to-Ambient
0
0
6
0
1
1
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 400 °C/W
3. TJM − TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
10
-4
10
-3
10
-2
10
-1
Square Wave Pulse Duration (s)


유사한 부품 번호 - SI1555DL_10

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1555DL-T1 VISHAY-SI1555DL-T1 Datasheet
111Kb / 8P
   Complementary Low-Threshold MOSFET Pair
S-50245-Rev. D, 21-Feb-05
SI1555DL-T1-E3 VISHAY-SI1555DL-T1-E3 Datasheet
111Kb / 8P
   Complementary Low-Threshold MOSFET Pair
S-50245-Rev. D, 21-Feb-05
logo
VBsemi Electronics Co.,...
SI1555DL-T1-GE3 VBSEMI-SI1555DL-T1-GE3 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1555DL VISHAY-SI1555DL_08 Datasheet
111Kb / 8P
   Complementary Low-Threshold MOSFET Pair
S-50245-Rev. D, 21-Feb-05
SI1555DL VISHAY-SI1555DL_V01 Datasheet
109Kb / 8P
   Complementary Low-Threshold MOSFET Pair
01-Jan-2022
More results

유사한 설명 - SI1555DL_10

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
KI1555DL KEXIN-KI1555DL Datasheet
55Kb / 2P
   Complementary Low-Threshold MOSFET Pair
logo
Vishay Siliconix
SI1555DL VISHAY-SI1555DL_08 Datasheet
111Kb / 8P
   Complementary Low-Threshold MOSFET Pair
S-50245-Rev. D, 21-Feb-05
SI1555DL VISHAY-SI1555DL Datasheet
60Kb / 7P
   Complementary Low-Threshold MOSFET Pair
Rev. C, 12-Aug-02
SI1555DL VISHAY-SI1555DL_V01 Datasheet
109Kb / 8P
   Complementary Low-Threshold MOSFET Pair
01-Jan-2022
SI1563DH VISHAY-SI1563DH_08 Datasheet
95Kb / 9P
   Complementary 20-V (D-S) Low-Threshold MOSFET
S-21483-Rev. A, 26-Aug-02
SI1563EDH VISHAY-SI1563EDH_08 Datasheet
160Kb / 9P
   Complementary 20-V (D-S) Low-Threshold MOSFET
S-80257-Rev. C, 04-Feb-08
SI1563DH VISHAY-SI1563DH_V01 Datasheet
145Kb / 9P
   Complementary 20 V (D-S) Low-Threshold MOSFET
01-Jan-2022
SI1563DH VISHAY-SI1563DH Datasheet
66Kb / 8P
   Complementary 20-V (D-S) Low-Threshold MOSFET
Rev. A, 26-Aug-02
SI1563EDH VISHAY-SI1563EDH Datasheet
64Kb / 8P
   Complementary 20-V (D-S) Low-Threshold MOSFET
Rev. B, 21-May-01
logo
Guangdong Kexin Industr...
KI1563DH KEXIN-KI1563DH Datasheet
58Kb / 2P
   Complementary 20-V (D-S) Low-Threshold MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com