전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1972DH 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI1972DH
상세설명  N-Channel 30-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1972DH 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI1972DH_07 Datasheet HTML 1Page - Vishay Siliconix SI1972DH_07 Datasheet HTML 2Page - Vishay Siliconix SI1972DH_07 Datasheet HTML 3Page - Vishay Siliconix SI1972DH_07 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Vishay Siliconix
SPICE Device Model Si1972DH
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
2.5
V
On-State Drain Current
a
ID(on)
VDS ≥ 5 V, VGS = 10 V
29
A
VGS = 10 V, ID = 1.3 A
0.146
0.155
Drain-Source On-State Resistance
a
rDS(on)
VGS = 4.5 V, ID = 0.29 A
0.276
0.278
Forward Transconductance
a
gfs
VDS = 15 V, ID = 1.3 A
2.1
1.4
S
Forward Voltage
a
VSD
IS = 1.2 A
0.88
0.85
V
Dynamic
b
Input Capacitance
Ciss
88
75
Output Capacitance
Coss
18
18
Reverse Transfer Capacitance
Crss
VDS = 15 V, VGS = 0 V, f = 1 MHz
6.8
6
pF
VDS = 15 V, VGS = 10 V, ID = 1.3 A
1.3
1.85
Total Gate Charge
Qg
0.70
0.91
Gate-Source Charge
Qgs
0.51
0.51
Gate-Drain Charge
Qgd
VDS = 15 V, VGS = 4.5 V, ID = 1.3 A
0.30
0.30
nC
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
b. Guaranteed by design, not subject to production testing.
2
www.vishay.com
Document Number: 74379
S-70411
Rev. A, 05-Mar-07


유사한 부품 번호 - SI1972DH_07

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1972DH-T1-E3 VISHAY-SI1972DH-T1-E3 Datasheet
120Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 27-Nov-06
SI1972DH VISHAY-SI1972DH_10 Datasheet
120Kb / 7P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 29-Mar-10
SI1972DH VISHAY-SI1972DH_V01 Datasheet
121Kb / 7P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI1972DH_07

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com